Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4420-DKDB1 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # 4420-DKDB1
Description  Si4420 Universal ISM Band FSK Transceiver
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4420-DKDB1 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button 4420-DKDB1 Datasheet HTML 24Page - List of Unclassifed Manufacturers 4420-DKDB1 Datasheet HTML 25Page - List of Unclassifed Manufacturers 4420-DKDB1 Datasheet HTML 26Page - List of Unclassifed Manufacturers 4420-DKDB1 Datasheet HTML 27Page - List of Unclassifed Manufacturers 4420-DKDB1 Datasheet HTML 28Page - List of Unclassifed Manufacturers 4420-DKDB1 Datasheet HTML 29Page - List of Unclassifed Manufacturers 4420-DKDB1 Datasheet HTML 30Page - List of Unclassifed Manufacturers 4420-DKDB1 Datasheet HTML 31Page - List of Unclassifed Manufacturers 4420-DKDB1 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
Si4420
28
RX-TX ALIGNMENT PROCEDURES
RX-TX frequency offset can be caused only by the differences in the actual reference frequency. To minimize these errors it is suggested to
use the same crystal type and the same PCB layout for the crystal placement on the RX and TX PCBs.
To verify the possible RX-TX offset it is suggested to measure the CLK output of both chips with a high level of accuracy. Do not measure the
output at the XTL pin since the measurement process itself will change the reference frequency. Since the carrier frequencies are derived
from the reference frequency, having identical reference frequencies and nominal frequency settings at the TX and RX side there should be
no offset if the CLK signals have identical frequencies.
It is possible to monitor the actual RX-TX offset using the AFC status report included in the status byte of the receiver. By reading out the
status byte from the receiver the actual measured offset frequency will be reported. In order to get accurate values the AFC has to be
disabled during the read by clearing the "en" bit in the AFC Control Command (bit 0).
TYPICAL APPLICATIONS
Repeater Demo (915 MHz)
Schematics
6V
3,3V
P0.0
2
P0.1
1
P0.2
28
P0.3
27
P0.4
26
P0.5
25
P0.6
24
P0.7
23
P1.0
22
P1.1
21
P1.2
20
P1.3
19
P1.4
18
P1.5
17
P1.6
16
P1.7
15
P2.0
14
P2.1
13
P2.2
12
P2.3
11
P2.4
10
P2.5
9
P2.6
8
P2.7
7
P3.0/C2D
6
/RST/C2CK
5
VDD
4
GND
3
IC1
5
3
4
1
SW1
6
R3
R4
R5
R6
C1
2
1
SJ1
R7
1
2
3
J1
1
2
3
DEBUG
C2
Q1
1
2
34
5
IC3
GND
IN
ON
OUT
POK
C3
C4
1
2
BATTERY
C5
C6
C7
X1
SDI
1
SCK
2
NSEL
3
SDO
4
NIRQ
5
FSK/DATA/NFFS
6
DCLK/CFIL
7
NINT/VDI
16
XTL/REF
9
CLK
8
VSS
11
RF2
12
RF1
13
VDD
14
ARSSI
15
NRES
10
IC2
TX
TX
RX
RX
SEL
SEL
CLK
CLK
IRQ
IRQ
SCK
SCK
MISO
MISO
MOSI
MOSI
FFS
FFS
FFE
FFE
INT/VDI
INT/VDI
ARSSI
ARSSI
C8051F311
GND
GND
820
820
820
820
GND
GND
VCC
100nF
GND
GND
1k
4,7nF
10MHz
GND
GND
VCC
GND
IA2112-3.3V
2,2uF
2,2uF
1uF
100pF
10pF
GND
GND
IA4420-REVC


Similar Part No. - 4420-DKDB1

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
4420 VBSEMI-4420 Datasheet
1,013Kb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
Schurter Inc.
4420.0163 SCHURTER-4420.0163 Datasheet
397Kb / 5P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic
19.02.2018
4420.0173 SCHURTER-4420.0173 Datasheet
511Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 1 pole
4420.0174 SCHURTER-4420.0174 Datasheet
523Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 2 poles
4420.0176 SCHURTER-4420.0176 Datasheet
397Kb / 5P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic
19.02.2018
More results

Similar Description - 4420-DKDB1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM12B ETC2-RFM12B Datasheet
1Mb / 41P
   Universal ISM Band FSK Transceiver
IA4420 ETC1-IA4420 Datasheet
611Kb / 29P
   Universal ISM Band FSK Transceiver
logo
HOPE Microelectronics C...
RFM12B HOPE-RFM12B Datasheet
1Mb / 41P
   Universal ISM Band FSK Transceiver
logo
List of Unclassifed Man...
RFM12B ETC2-RFM12B Datasheet
418Kb / 11P
   UNIVERSAL ISM BAND FSK TRANSCEIVER MODULE
RFM12BP ETC2-RFM12BP Datasheet
339Kb / 8P
   UNIVERSAL ISM BAND FSK TRANSCEIVER MODULE
RFM02 ETC2-RFM02 Datasheet
1Mb / 24P
   Universal ISM Band FSK Transmitter
RFM01 ETC2-RFM01 Datasheet
537Kb / 31P
   Universal ISM Band FSK Receiver
logo
HOPE Microelectronics C...
RFM02 HOPE-RFM02 Datasheet
1Mb / 24P
   Universal ISM Band FSK Transmitter
logo
Analog Devices
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com