Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4420-DKDB2 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # 4420-DKDB2
Description  Si4420 Universal ISM Band FSK Transceiver
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4420-DKDB2 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button 4420-DKDB2 Datasheet HTML 8Page - List of Unclassifed Manufacturers 4420-DKDB2 Datasheet HTML 9Page - List of Unclassifed Manufacturers 4420-DKDB2 Datasheet HTML 10Page - List of Unclassifed Manufacturers 4420-DKDB2 Datasheet HTML 11Page - List of Unclassifed Manufacturers 4420-DKDB2 Datasheet HTML 12Page - List of Unclassifed Manufacturers 4420-DKDB2 Datasheet HTML 13Page - List of Unclassifed Manufacturers 4420-DKDB2 Datasheet HTML 14Page - List of Unclassifed Manufacturers 4420-DKDB2 Datasheet HTML 15Page - List of Unclassifed Manufacturers 4420-DKDB2 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
Si4420
12
Control Commands
Control Command
Related Parameters/Functions
Related control bits
1
Configuration Setting Command
Frequency band, crystal oscillator load capacitance,
TX register, RX FIFO
el, ef, b1 to b0, x3 to x0
2
Power Management Command
Receiver/Transmitter mode change, synthesizer, xtal
osc, PA, wake-up timer, clock output can be enabled
here
er, ebb, et, es, ex, eb, ew, dc
3
Frequency Setting Command
Frequency of the local oscillator/carrier signal
f11 to f0
4
Data Rate Command
Bit rate
cs, r6 to r0
5
Receiver Control Command
Function of pin 16, Valid Data Indicator, baseband
bw, LNA gain, digital RSSI threshold
p16, d1 to d0, i2 to i0, g1 to g0, r2
to r0
6
Data Filter Command
Data filter type, clock recovery parameters
al, ml, s, f2 to f0
7
FIFO and Reset Mode Command
Data FIFO IT level, FIFO start control, FIFO enable
and FIFO fill enable
f3 to f0, al, ff, dr
8
Receiver FIFO Read Command
RX FIFO can be read with this command
9
AFC Command
AFC parameters
a1 to a0, rl1 to rl0, st, fi, oe, en
10
TX Configuration Control Command
Modulation parameters, output power, ea
mp, m3 to m0, p2 to p0
11
Transmitter Register Write Command
TX data register can be written with this command
t7 to t0
12
Wake-Up Timer Command
Wake-up time period
r4 to r0, m7 to m0
13
Low Duty-Cycle Command
Enable low duty-cycle mode. Set duty-cycle.
d6 to d0, en
14
Low Battery Detector and
Microcontroller Clock Divider
Command
LBD voltage and microcontroller clock division ratio
d2 to d0, v4 to v0
15
Status Read Command
Status bits can be read out
In general, setting the given bit to one will activate the related function. In the following tables, the POR column shows the default values of
the command registers after power-on.
Description of the Control Commands
1. Configuration Setting Command
Bit
15
14
13
12
11
10
98765432
10
POR
100000
00
el
ef
b1
b0
x3
x2
x1
x0
8008h
Bit el enables the internal data register. If the data register is used the FSK pin must be connected to logic high level.
Bit ef enables the FIFO mode. If ef=0 then DATA (pin 6) and DCLK (pin 7) are used for data and data clock output.
b1
b0
Frequency Band {MHz]
0
0
315
0
1
433
1
0
868
1
1
915
x3
x2
x1
x0
Crystal Load Capacitance [pF]
0000
8.5
0001
9.0
0010
9.5
0011
10.0
1110
15.5
1111
16.0


Similar Part No. - 4420-DKDB2

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
4420 VBSEMI-4420 Datasheet
1,013Kb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
Schurter Inc.
4420.0163 SCHURTER-4420.0163 Datasheet
397Kb / 5P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic
19.02.2018
4420.0173 SCHURTER-4420.0173 Datasheet
511Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 1 pole
4420.0174 SCHURTER-4420.0174 Datasheet
523Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 2 poles
4420.0176 SCHURTER-4420.0176 Datasheet
397Kb / 5P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic
19.02.2018
More results

Similar Description - 4420-DKDB2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM12B ETC2-RFM12B Datasheet
1Mb / 41P
   Universal ISM Band FSK Transceiver
IA4420 ETC1-IA4420 Datasheet
611Kb / 29P
   Universal ISM Band FSK Transceiver
logo
HOPE Microelectronics C...
RFM12B HOPE-RFM12B Datasheet
1Mb / 41P
   Universal ISM Band FSK Transceiver
logo
List of Unclassifed Man...
RFM12B ETC2-RFM12B Datasheet
418Kb / 11P
   UNIVERSAL ISM BAND FSK TRANSCEIVER MODULE
RFM12BP ETC2-RFM12BP Datasheet
339Kb / 8P
   UNIVERSAL ISM BAND FSK TRANSCEIVER MODULE
RFM02 ETC2-RFM02 Datasheet
1Mb / 24P
   Universal ISM Band FSK Transmitter
RFM01 ETC2-RFM01 Datasheet
537Kb / 31P
   Universal ISM Band FSK Receiver
logo
HOPE Microelectronics C...
RFM02 HOPE-RFM02 Datasheet
1Mb / 24P
   Universal ISM Band FSK Transmitter
logo
Analog Devices
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com