Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ERB44 Datasheet(PDF) 2 Page - Fuji Electric

Part No. ERB44
Description  FAST RECOVERY DIODE( 200 to 1000V / 1.0A )
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

ERB44 Datasheet(HTML) 2 Page - Fuji Electric

  ERB44 Datasheet HTML 1Page - Fuji Electric ERB44 Datasheet HTML 2Page - Fuji Electric ERB44 Datasheet HTML 3Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ERB44(1.0A)
(200V to 1000V / 1.0A )
Characteristics
Forward characteristics
VF [V]
Reverse characteristics
VR [V]
IF
[A]
IR
[µA]
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
100
200
300
400
500
600
700
Forward characteristics
VF [V]
Reverse characteristics
VR [V]
IF
[A]
IR
[µA]
5
3
1.0
0.5
0.3
0.1
0.05
0.03
5
3
1.0
0.5
0.3
0.1
0.05
0.03
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Forward characteristics
VF [V]
Reverse characteristics
VR [V]
IF
[A]
IR
[µA]
0
200
400
600
800
1000 1200 1400
5
3
1.0
0.5
0.3
0.1
0.05
0.03
0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
100
50
30
10
5
3
1
0.1
100
50
30
10
5
3
1
0.1
0.05
0.03
100
50
30
10
5
3
1
0.1
0.05
0.03
0
200
400
600
800
1000 1200 1400


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
CS241020 Fast Recovery Single Diode Module 200 Amperes/1000 Volts 1  2  Powerex Power Semiconductors
ERD29 FAST RECOVERY DIODE 200 to 600V / 2.5A 1  2  Fuji Electric
QR0620T30 Fast Recovery Diode Module 200 Amp/600 Volts 1  2  3  Powerex Power Semiconductors
QR1220T30 Fast Recovery Diode Module 200 Amp/1200 Volts 1  2  3  Powerex Power Semiconductors
QR1420T30 Fast Recovery Diode Module 200 Amp/1400 Volts 1  2  3  Powerex Power Semiconductors
FR101 1.0A FAST RECOVERY RECTIFIER 1  2  3  Won-Top Electronics
PR1001G 1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER 1  2  Diodes Incorporated
YG225C2 FAST RECOVERY DIODE 1  2  3  List of Unclassifed Manufacturers
CUDD16-02C ULTRA FAST RECOVERY RECTIFIERS DUAL COMMON CATHODE 16 AMP 200 THRU 800 VOLTS 1  2  Central Semiconductor Corp
RF073M2S Fast recovery diode 1  2  3  Rohm

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn