Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ERB37 Datasheet(PDF) 1 Page - Fuji Electric

Part No. ERB37
Description  FAST RECOVERY DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

ERB37 Datasheet(HTML) 1 Page - Fuji Electric

  ERB37 Datasheet HTML 1Page - Fuji Electric ERB37 Datasheet HTML 2Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ERB37 (1.0A)
( 800 to 1000V / 1.0A )
FAST RECOVERY DIODE
Outline drawings, mm
Features
Super high speed switching
Low VF in turn on
High reliability
Applications
High speed switching
Maximum ratings and characteristics
Absolute maximum ratings
Item
Repetitive peak reverse voltage
Non-repetitive peak reverse voltage
Average forward current
Surge current
Operating junction temperature
Storage temperature
Symbol
VRRM
VRSM
IF(AV)
IFSM
Tj
Tstg
Conditions
Sine wave 10ms
30
-40 to +150
-40 to +150
Unit
V
V
A
A
°C
°C
Electrical characteristics (Ta=25°C Unless otherwise specified )
Item
Forward voltage drop
Reverse current
Reverse recovery time
Symbol
VFM
IRRM
t rr
Conditions
IFM=1.0A
VR=VRRM
IF=0.1A, IR=0.1A
10
250
Unit
V
µA
ns
Resistive load (Tl =125°C)
Marking
Voltage class
Lot No.
Cathode mark
Color code : Green
Rating
-08
-10
1.0
5.0
28 MIN.
28 MIN.
ø3.0
ø0.8
Abridged type name
800
1000
Max.
3.0
800
1000


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
ARF260 FAST RECOVERY DIODE 1  2  3  4  Power Semiconductors
ARF672 FAST RECOVERY DIODE 1  2  Power Semiconductors
CC24500N Super Fast Recovery Dual Diode Modules 50 Amperes/300-600 Volts 1  2  Powerex Power Semiconductors
CS240650 Fast Recovery Single Diode Modules 50 Amperes/600-1200 Volts 1  2  3  4  Powerex Power Semiconductors
QR0610T30 Fast Recovery Diode Module 100 Amp/600 Volts 1  2  3  Powerex Power Semiconductors
QRS1240T30 Fast Recovery Diode Module 400 Amp/1200 Volts 1  2  3  Powerex Power Semiconductors
DSEI120-12A Fast Recovery Epitaxial Diode FRED 1  2  IXYS Corporation
RM50HG-12S Super Fast Recovery Single Diode 50 Amperes/600 Volts 1  2  Powerex Power Semiconductors
STPR120A HIGH EFFICIENCY FAST RECOVERY DIODE 1  2  3  4  5  STMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn