Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERB37 Datasheet(PDF) 2 Page - Fuji Electric

Part # ERB37
Description  FAST RECOVERY DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

ERB37 Datasheet(HTML) 2 Page - Fuji Electric

  ERB37 Datasheet HTML 1Page - Fuji Electric ERB37 Datasheet HTML 2Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ERB37(1.0A)
(800V to 1000V / 1.0A )
Characteristics
Forward characteristics
VF [V]
Reverse characteristics
VR [V]
IF
[A]
IR
[mA]
0
1.0
2.0
3.0
0
400
800
1200
1600
Surge capability
IFSM
[A]
100
50
30
10
5
1
3
5
10
Junction capacitance characteristics
Cj
[pF]
VR [V]
50
30
10
5
3
1
3
5
10
30 50
100
Current derating (IF(AV)-Tl)
IF(AV)
[A]
Tl [°C]
Current derating (IF(AV)-Ta)
IF(AV)
[A]
Ta [°C]
10
1
0.1
0.01
10
1
0.1
0.01
0.6
0.4
0.2
0
0
50
100
150
1.5
1.0
0.5
0
0
50
100
150
[time] (at 50Hz)


Similar Part No. - ERB37

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
ERB37-08 BILIN-ERB37-08 Datasheet
50Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
ERB37-08 TAYCHIPST-ERB37-08 Datasheet
4Mb / 2P
   FAST RECOVERY RECTIFIER
logo
Diode Semiconductor Kor...
ERB37-08 DSK-ERB37-08 Datasheet
271Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Galaxy Semi-Conductor H...
ERB37-10 BILIN-ERB37-10 Datasheet
50Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
ERB37-10 TAYCHIPST-ERB37-10 Datasheet
4Mb / 2P
   FAST RECOVERY RECTIFIER
More results

Similar Description - ERB37

ManufacturerPart #DatasheetDescription
logo
Rohm
RF501B2S ROHM-RF501B2S_09 Datasheet
468Kb / 4P
   Fast Recovery Diode
RF201L2S ROHM-RF201L2S Datasheet
135Kb / 4P
   Fast Recovery Diode
RF101L2S ROHM-RF101L2S Datasheet
181Kb / 4P
   Fast recovery diode
RF601T2D ROHM-RF601T2D_11 Datasheet
971Kb / 4P
   Fast recovery diode
RF301B2STL ROHM-RF301B2STL Datasheet
409Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
MP2-202S SANKEN-MP2-202S Datasheet
174Kb / 4P
   Fast Recovery Diode
logo
Shenzhen Taychipst Elec...
ERA22-02 TAYCHIPST-ERA22-02 Datasheet
2Mb / 2P
   FAST RECOVERY DIODE
logo
Rohm
RF071M2STR ROHM-RF071M2STR Datasheet
340Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
FMN-3306S SANKEN-FMN-3306S Datasheet
190Kb / 7P
   Fast Recovery Diode
logo
Rohm
RF101L2STE25 ROHM-RF101L2STE25 Datasheet
352Kb / 4P
   Fast Recovery Diode
logo
Shindengen Electric Mfg...
M1FL40U SHINDENGEN-M1FL40U Datasheet
172Kb / 4P
   Fast Recovery Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com