Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYG20J Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BYG20J
Description  Ultrafast Avalanche SMD Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYG20J Datasheet(HTML) 1 Page - Vishay Siliconix

  BYG20J Datasheet HTML 1Page - Vishay Siliconix BYG20J Datasheet HTML 2Page - Vishay Siliconix BYG20J Datasheet HTML 3Page - Vishay Siliconix BYG20J Datasheet HTML 4Page - Vishay Siliconix BYG20J Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BYG20D thru BYG20J
www.vishay.com
Vishay General Semiconductor
Revision: 21-Dec-11
1
Document Number: 88958
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Ultrafast Avalanche SMD Rectifier
FEATURES
• Low profile package
• Ideal for automated placement
• Glass passivated junction
• Low reverse current
• Soft recovery characteristics
• Ultrafast reverse recovery time
• Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C
• AEC-Q101 qualified
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in high frequency rectification of power supply,
inverters, converters and freewheeling diodes for consumer,
automotive and telecommunication.
MECHANICAL DATA
Case: DO-214AC (SMA)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS compliant, commercial grade
Base P/NHE3 - RoHS compliant, AEC-Q101 qualified
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test, HE3 suffix
meets JESD 201 class 2 whisker test
Polarity: Color band denotes the cathode end
PRIMARY CHARACTERISTICS
IF(AV)
1.5 A
VRRM
200 V to 600 V
IFSM
30 A
IR
1.0 μA
VF
1.4 V
trr
75 ns
ER
20 mJ
TJ max.
150 °C
DO-214AC (SMA)
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
BYG20D
BYG20G
BYG20J
UNIT
Device marking code
BYG20D
BYG20G
BYG20J
Maximum repetitive peak reverse voltage
VRRM
200
400
600
V
Average forward current
IF(AV)
1.5
A
Peak forward surge current 10 ms single half
sine-wave superimposed on rated load
IFSM
30
A
Pulse energy in avalanche mode,
non repetitive (inductive load switch off)
I(BR)R = 1 A, TJ = 25 °C
ER
20
mJ
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C


Similar Part No. - BYG20J

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYG20J VISHAY-BYG20J Datasheet
59Kb / 5P
   Fast Silicon Mesa SMD Rectifier
Rev. 3, 24-Jun-98
logo
Shenzhen Luguang Electr...
BYG20J LUGUANG-BYG20J Datasheet
1Mb / 2P
   Ultra Fast SMD Rectifiers
logo
Vishay Siliconix
BYG20J VISHAY-BYG20J Datasheet
108Kb / 5P
   Ultrafast Avalanche SMD Rectifier
Revision: 27-Aug-07
BYG20J VISHAY-BYG20J Datasheet
109Kb / 5P
   Ultrafast Avalanche SMD Rectifier
01-Jan-2022
logo
EIC discrete Semiconduc...
BYG20J EIC-BYG20J Datasheet
151Kb / 2P
   ULTRAFAST AVALANCHE RECTIFIERS
More results

Similar Description - BYG20J

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYG20D VISHAY-BYG20D_15 Datasheet
96Kb / 6P
   Ultrafast Avalanche SMD Rectifier
Revision: 19-Feb-15
BYG20D VISHAY-BYG20D_V01 Datasheet
109Kb / 5P
   Ultrafast Avalanche SMD Rectifier
01-Jan-2022
BYG20J-E3 VISHAY-BYG20J-E3 Datasheet
93Kb / 5P
   Ultrafast Avalanche SMD Rectifier
Revision: 21-Dec-11
BYG22B-TR VISHAY-BYG22B-TR Datasheet
92Kb / 5P
   Ultrafast Avalanche SMD Rectifier
Revision: 30-Oct-13
BYG22A VISHAY-BYG22A_V01 Datasheet
109Kb / 5P
   Ultrafast Avalanche SMD Rectifier
01-Jan-2022
BYG23M VISHAY-BYG23M_V01 Datasheet
105Kb / 5P
   Ultrafast Avalanche SMD Rectifier
01-Jan-2022
BYG22A VISHAY-BYG22A Datasheet
109Kb / 5P
   Ultrafast Avalanche SMD Rectifier
Revision: 27-Aug-07
BYG23M VISHAY-BYG23M_07 Datasheet
101Kb / 4P
   Ultrafast Avalanche SMD Rectifier
Revision: 27-Aug-07
BYG22DTR3 VISHAY-BYG22DTR3 Datasheet
94Kb / 5P
   Ultrafast Avalanche SMD Rectifier
Revision: 21-Dec-11
BYG22A-M3 VISHAY-BYG22A-M3 Datasheet
96Kb / 5P
   Ultrafast Avalanche SMD Rectifier
Revision: 19-Feb-15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com