Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC430F5133 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CC430F5133
Description  MSP430??SoC With RF Core
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC430F5133 Datasheet(HTML) 1 Page - Texas Instruments

  CC430F5133 Datasheet HTML 1Page - Texas Instruments CC430F5133 Datasheet HTML 2Page - Texas Instruments CC430F5133 Datasheet HTML 3Page - Texas Instruments CC430F5133 Datasheet HTML 4Page - Texas Instruments CC430F5133 Datasheet HTML 5Page - Texas Instruments CC430F5133 Datasheet HTML 6Page - Texas Instruments CC430F5133 Datasheet HTML 7Page - Texas Instruments CC430F5133 Datasheet HTML 8Page - Texas Instruments CC430F5133 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 120 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
CC430F6137, CC430F6135, CC430F6127, CC430F6126, CC430F6125
CC430F5137, CC430F5135, CC430F5133
www.ti.com
SLAS554H – MAY 2009 – REVISED SEPTEMBER 2013
MSP430™ SoC With RF Core
Check for Samples: CC430F6137, CC430F6135, CC430F6127, CC430F6126, CC430F6125, CC430F5137, CC430F5135, CC430F5133
1
FEATURES
23
True System-on-Chip (SoC) for Low-Power
Embedded Emulation Module (EEM)
Wireless Communication Applications
High-Performance Sub-1-GHz RF Transceiver
Wide Supply Voltage Range:
Core
3.6 V Down to 1.8 V
Same as in CC1101
Ultralow-Power Consumption:
Wide Supply Voltage Range: 2.0 V to 3.6 V
CPU Active Mode (AM): 160 µA/MHz
Frequency Bands: 300 MHz to 348 MHz,
Standby Mode (LPM3 RTC Mode): 2.0 µA
389 MHz to 464 MHz, and 779 MHz to
928 MHz
Off Mode (LPM4 RAM Retention): 1.0 µA
Programmable Data Rate From 0.6 kBaud
Radio in RX: 15 mA, 250 kbps, 915 MHz
to 500 kBaud
MSP430 System and Peripherals
High Sensitivity (–117 dBm at 0.6 kBaud,
16-Bit RISC Architecture, Extended
–111 dBm at 1.2 kBaud, 315 MHz,
Memory, up to 20-MHz System Clock
1% Packet Error Rate)
Wake Up From Standby Mode in Less
Excellent Receiver Selectivity and Blocking
Than 6 µs
Performance
Flexible Power-Management System With
Programmable Output Power Up to
SVS and Brownout
+12 dBm for All Supported Frequencies
Unified Clock System With FLL
2-FSK, 2-GFSK, and MSK Supported as
16-Bit Timer TA0, Timer_A With Five
Well as OOK and Flexible ASK Shaping
Capture/Compare Registers
Flexible Support for Packet-Oriented
16-Bit Timer TA1, Timer_A With Three
Systems: On-Chip Support for Sync Word
Capture/Compare Registers
Detection, Address Check, Flexible Packet
Hardware Real-Time Clock (RTC)
Length, and Automatic CRC Handling
Two Universal Serial Communication
Support for Automatic Clear Channel
Interfaces
Assessment (CCA) Before Transmitting (for
USCI_A0 Supports UART, IrDA, SPI
Listen-Before-Talk Systems)
USCI_B0 Supports I2C, SPI
Digital RSSI Output
12-Bit Analog-to-Digital Converter (ADC)
Suited for Systems Targeting Compliance
With Internal Reference, Sample-and-Hold,
With EN 300 220 (Europe) and
and Autoscan Features (CC430F613x and
FCC CFR Part 15 (US)
CC430F513x Only)
Suited for Systems Targeting Compliance
Comparator
With Wireless M-Bus Standard EN
13757
‑‑4:2005
Integrated LCD Driver With Contrast
Control for up to 96 Segments
Support for Asynchronous and
(CC430F61xx Only)
Synchronous Serial Receive or Transmit
Mode for Backward Compatibility With
128-Bit AES Security Encryption and
Existing Radio Communication Protocols
Decryption Coprocessor
Table 1 Summarizes Family Members
32-Bit Hardware Multiplier
For Complete Module Descriptions, See the
Three-Channel Internal DMA
CC430 Family User's Guide (SLAU259)
Serial Onboard Programming, No External
Programming Voltage Needed
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
MSP430 is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CC430F5133

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC430F5133 TI1-CC430F5133 Datasheet
1Mb / 121P
[Old version datasheet]   MSP430??SoC with RF Core
CC430F5133 TI1-CC430F5133 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
CC430F5133 TI-CC430F5133 Datasheet
1Mb / 120P
[Old version datasheet]   MSP430??SoC with RF Core
CC430F5133IRGZ TI-CC430F5133IRGZ Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC with RF Core
CC430F5133IRGZ TI1-CC430F5133IRGZ Datasheet
1Mb / 120P
[Old version datasheet]   MSP430 SoC with RF Core
More results

Similar Description - CC430F5133

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC430F5143 TI-CC430F5143_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5123 TI1-CC430F5123 Datasheet
1Mb / 116P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F6147 TI-CC430F6147_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5125 TI-CC430F5125 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5147 TI-CC430F5147_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F613X TI-CC430F613X Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC with RF Core
CC430F613 TI1-CC430F613 Datasheet
1Mb / 120P
[Old version datasheet]   MSP430 SoC with RF Core
FET430F6137RF900 TI-FET430F6137RF900 Datasheet
1Mb / 120P
[Old version datasheet]   MSP430??SoC with RF Core
CC430F613X TI-CC430F613X_12 Datasheet
1Mb / 121P
[Old version datasheet]   MSP430??SoC with RF Core
CC430F5133 TI1-CC430F5133 Datasheet
1Mb / 121P
[Old version datasheet]   MSP430??SoC with RF Core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com