Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC557 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # BC557
Description  PNP Silicon Amplifier Transistor 625mW
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BC557 Datasheet(HTML) 3 Page - Micro Commercial Components

  BC557 Datasheet HTML 1Page - Micro Commercial Components BC557 Datasheet HTML 2Page - Micro Commercial Components BC557 Datasheet HTML 3Page - Micro Commercial Components BC557 Datasheet HTML 4Page - Micro Commercial Components BC557 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BC557/BC558
Figure 1. Normalized DC Current Gain
IC, COLLECTOR CURRENT (mAdc)
2.0
Figure 2. “Saturation” and “On” Voltages
IC, COLLECTOR CURRENT (mAdc)
–0.2
0.2
Figure 3. Collector Saturation Region
IB, BASE CURRENT (mA)
Figure 4. Base–Emitter Temperature Coefficient
IC, COLLECTOR CURRENT (mA)
–0.6
–0.7
–0.8
–0.9
–1.0
–0.5
0
–0.2
–0.4
–0.1
–0.3
1.6
1.2
2.0
2.8
2.4
–1.2
–1.6
–2.0
–0.02
–1.0
–10
0
–20
–0.1
–0.4
–0.8
1.5
1.0
0.7
0.5
0.3
–0.2
–10
–100
–1.0
TA = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE(on) @ VCE = –10 V
VCE = –10 V
TA = 25°C
–55
°C to +125°C
IC = –100 mA
IC = –20 mA
–0.5 –1.0
–2.0
–5.0 –10
–20
–50
–100 –200
–0.1 –0.2
–0.5
–1.0
–2.0
–5.0
–10
–20
–50
–100
IC = –200 mA
IC = –50 mA
IC =
–10 mA
Figure 5. Capacitances
VR, REVERSE VOLTAGE (VOLTS)
10
Figure 6. Current–Gain – Bandwidth Product
IC, COLLECTOR CURRENT (mAdc)
–0.4
1.0
80
100
200
300
400
60
20
40
30
7.0
5.0
3.0
2.0
–0.5
TA = 25°C
Cob
Cib
–0.6
–1.0
–2.0
–4.0 –6.0
–10
–20 –30 –40
150
–1.0
–2.0 –3.0
–5.0
–10
–20
–30
–50
VCE = –10 V
TA = 25°C
TA = 25°C
1.0
MCC
BC556 thru BC558B
Revision: D
2013/01/01
TM
Micro Commercial Components
www.mccsemi.com
3 of 5


Similar Part No. - BC557

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BC557 FOSHAN-BC557 Datasheet
851Kb / 6P
   Silicon PNP transistor in a TO-92(R) Plastic Package
logo
NXP Semiconductors
BC557 PHILIPS-BC557 Datasheet
47Kb / 8P
   PNP general purpose transistors
1999 Apr 15
logo
ON Semiconductor
BC557 ONSEMI-BC557 Datasheet
107Kb / 8P
   Amplifier Transistors
June, 2000 ??Rev. 1
logo
Tiger Electronic Co.,Lt...
BC557 TGS-BC557 Datasheet
286Kb / 1P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
BC557 JIANGSU-BC557 Datasheet
643Kb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results

Similar Description - BC557

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2N5401 MCC-2N5401_14 Datasheet
437Kb / 5P
   PNP Silicon Amplifier Transistor 625mW
BC556 MCC-BC556 Datasheet
690Kb / 4P
   PNP Silicon Amplifier Transistor 625mW
2N5401 MCC-2N5401 Datasheet
281Kb / 5P
   PNP Silicon Amplifier Transistor 625mW
BC556 MCC-BC556_11 Datasheet
294Kb / 5P
   PNP Silicon Amplifier Transistor 625mW
BC556A MCC-BC556A Datasheet
385Kb / 5P
   PNP Silicon Amplifier Transistor 625mW
BC546A MCC-BC546A_13 Datasheet
341Kb / 5P
   NPN Silicon Amplifier Transistor 625mW
BC546B MCC-BC546B_08 Datasheet
228Kb / 5P
   NPN Silicon Amplifier Transistor 625mW
BC546B MCC-BC546B Datasheet
1Mb / 4P
   NPN Silicon Amplifier Transistor 625mW
BC546A MCC-BC546A Datasheet
301Kb / 5P
   NPN Silicon Amplifier Transistor 625mW
MPSA94 MCC-MPSA94_13 Datasheet
309Kb / 3P
   PNP Silicon High Voltage Transistor 625mW
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com