Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAK400 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BAK400
Description  KIT ADAPTOR 192 VARIOUS TYPES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BAK400 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BAK400 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BAK400 CONSISTS OF 8 IDENTICAL COUPLER ELEMENTS AND 2 EACH OF THE FOLLOWING
CONNECTOR ELEMENTS, A TOTAL OF 40 ELEMENTS.
PLUGS
TYPE "N"
UHF
MINI UHF
SMA
BNC
TNC
F
RCA PHONO
JACKS
TYPE "N"
UHF
MINI UHF
SMA
BNC
TNC
F
RCA PHONO
AN EXAMPLE OF A TYPICAL THREE ELEMENT COMBINATION IS SHOWN BELOW. ANY TWO
CONNECTOR ELEMENTS IN A KIT MAY BE JOINED BY SCREWING THEM ONTO A COUPLER ELEMENT.
PREMIUM COAX ADAPTOR KIT
SMA JACK
ELEMENT
COUPLER
ELEMENT
BNC PLUG
ELEMENT
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR
WHOLE WITHOUT THE WRITTEN PERMISSION OF L-COM, INC.
IS PROHIBITED.
REVISIONS
REV
DATE
A
TAKEN FROM DRAWNG 97-080401
08/11/09 DFP
DESCRIPTION
APPROVAL
43321
FSCM NO.
1:1
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
KIT ADAPTOR 192 VARIOUS TYPES
PRODUCT DESCRIPTION
CATEGORY
08/11/2009
08/10/2009
D. CASTRO
08/10/2009
1
BAK400.SLDDRW
A
BAK400
APPROVED BY
CHECKED BY
DRAWN BY
APPROVALS
DATE
REV.
OF
SHEET
A
DWG. NO.
CAD FILE:
SIZE
SCALE:
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
1
PROJECTION
COAXIAL
D. PARHAM
D. FRISIELLO
UNLESS OTHERWISE SPECIFIED,
DIMENSIONS ARE IN INCHES [mm]
COLOR VARIATIONS
MAY OCCUR
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2[51] / -0
>60 [1524] ≤120 [3048] = +4 / -0
>120 [3048] ≤300 [7620] = +6 / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ±.2
.XX = ±.02
.XXX = ±.005


Similar Description - BAK400

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
A8406 HAMAMATSU-A8406 Datasheet
169Kb / 8P
   Various types of cables for frame grabber
logo
ALPS ELECTRIC CO.,LTD.
RK097 ALPS-RK097_15 Datasheet
1Mb / 13P
   9.5mm width potentiometer ideal for various types of control
logo
Extech Instruments Corp...
AN300-C EXTECH-AN300-C Datasheet
194Kb / 2P
   Model AN300-C Air Flow Adaptor Kit
logo
ALPS ELECTRIC CO.,LTD.
RK163 ALPS-RK163_15 Datasheet
867Kb / 7P
   A wide range of versatile products applicable for various types of control
logo
Molex Electronics Ltd.
130179-0340 MOLEX11-130179-0340 Datasheet
23Kb / 1P
   Worm Gear Kit for 192/200/220/240KA Balancers
1301790340 MOLEX11-1301790340 Datasheet
54Kb / 1P
   Worm Gear Kit for 192/200/220/240KA Balancers
logo
List of Unclassifed Man...
416016711-3 ETC2-416016711-3 Datasheet
9Mb / 2P
   HD-SDI to HDMI adaptor board - KIT 70600
logo
Toshiba Semiconductor
TPS820 TOSHIBA-TPS820 Datasheet
139Kb / 5P
   Photo-Electric Switches Copiers, Printers, and Facsimiles Luminosity Adjustment for Various Types of Equipment
logo
New Jersey Semi-Conduct...
2N4381 NJSEMI-2N4381 Datasheet
92Kb / 1P
   VARIOUS
logo
Winchester Electronics ...
153155011 WINCHESTER-153155011 Datasheet
98Kb / 2P
   Specialty Types
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com