Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFE5809 Datasheet(PDF) 91 Page - Texas Instruments

Part # AFE5809
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End With Passive CW Mixer, andD igital I/Q Demodulator
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5809 Datasheet(HTML) 91 Page - Texas Instruments

Back Button AFE5809_14 Datasheet HTML 87Page - Texas Instruments AFE5809_14 Datasheet HTML 88Page - Texas Instruments AFE5809_14 Datasheet HTML 89Page - Texas Instruments AFE5809_14 Datasheet HTML 90Page - Texas Instruments AFE5809_14 Datasheet HTML 91Page - Texas Instruments AFE5809_14 Datasheet HTML 92Page - Texas Instruments AFE5809_14 Datasheet HTML 93Page - Texas Instruments AFE5809_14 Datasheet HTML 94Page - Texas Instruments AFE5809_14 Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 100 page
background image
AFE5809
www.ti.com
SLOS738D – SEPTEMBER 2012 – REVISED JANUARY 2014
The partial power down function allows the AFE5809 to be wake up from a low-power state quickly. This
configuration ensures that the external capacitors are discharged slowly; thus a minimum wake-up time is
needed as long as the charges on those capacitors are restored. The VCA wake-up response is typically about 2
μs or 1% of the power down duration whichever is larger. The longest wake-up time depends on the capacitors
connected at INP and INM, as the wake-up time is the time required to recharge the caps to the desired
operating voltages. For 0.1
μF at INP and 15 nF at INM can give a wake-up time of 2.5 ms. For larger capacitors
this time will be longer. The ADC wake-up time is about 1
μs. Thus the AFE5809 wake-up time is more
dependent on the VCA wake-up time. This also assumes that the ADC clock has been running for at least 50 µs
before normal operating mode resumes. The power-down time is instantaneous, less than 1 µs.
This fast wake-up response is desired for portable ultrasound applications in which the power saving is critical.
The pulse repetition frequency of a ultrasound system could vary from 50KHz to 500 Hz, while the imaging depth
(that is the active period for a receive path) varies from 10
μs to hundreds of µs. The power saving can be pretty
significant when a system’s PRF is low. In some cases, only the VCA would be powered down while the ADC
keeps running normally to ensure minimal impact to FPGAs.
In the partial power-down mode, the AFE5809 typically dissipates only 26 mW/ch, representing an 80% power
reduction compared to the normal operating mode. This mode can be set using either pins (PDN_VCA and
PDN_ADC) or register bits (VCA_PARTIAL_PDN and ADC_PARTIAL_PDN).
Complete Power-Down Mode
To achieve the lowest power dissipation of 0.7 mW/CH, the AFE5809 can be placed into a complete power-down
mode. This mode is controlled through the registers ADC_COMPLETE_PDN, VCA_COMPLETE_PDN or
PDN_GLOBAL pin. In the complete power-down mode, all circuits including reference circuits within the
AFE5809 are powered down; and the capacitors connected to the AFE5809 are discharged. The wake-up time
depends on the time needed to recharge these capacitors. The wake-up time depends on the time that the
AFE5809 spends in shutdown mode. 0.1
μF at INP and 15 nF at INM can give a wake-up time close to 2.5 ms.
Power Saving in CW Mode
Usually only half the number of channels in a system are active in the CW mode. Thus the individual channel
control through ADC_PDN_CH <7:0> and VCA_PDN_CH <7:0> can power down unused channels and save
power consumption greatly. Under the default register setting in the CW mode, the voltage controlled attenuator,
PGA, and ADC are still active. During the debug phase, both the PW and CW paths can be running
simultaneously. In real operation, these blocks need to be powered down manually.
TEST MODES
The AFE5809 includes multiple test modes to accelerate system development. The ADC test modes have been
discussed in the register description section.
The VCA has a test mode in which the CH7 and CH8 PGA outputs can be brought to the CW pins. By monitoring
these PGA outputs, the functionality of VCA operation can be verified. The PGA outputs are connected to the
virtual ground pins of the summing amplifier (CW_IP_AMPINM/P, CW_QP_AMPINM/P) through 5-k
Ω resistors.
The PGA outputs can be monitored at the summing amplifier outputs when the LPF capacitors CEXT are
removed. Please note that the signals at the summing amplifier outputs are attenuated due to the 5-k
Ω resistors.
The attenuation coefficient is RINT/EXT / 5 kΩ.
If users would like to check the PGA outputs without removing CEXT, an alternative way is to measure the PGA
outputs directly at the CW_IP_AMPINM/P and CW_QP_AMPINM/P when the CW summing amplifier is powered
down
Some registers are related to this test mode. PGA Test Mode Enable: Reg59[9]; Buffer Amplifier Power Down
Reg59[8]; and Buffer Amplifier Gain Control Reg54[4:0]. Based on the buffer amplifier configuration, the registers
can be set in different ways:
Configuration 1
In this configuration, the test outputs can be monitored at CW_AMPINP/M
Reg59[9] = 1; Test mode enabled
Reg59[8] = 0; Buffer amplifier powered down
Configuration 2
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
91
Product Folder Links: AFE5809


Similar Part No. - AFE5809_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5809 TI-AFE5809_13 Datasheet
1Mb / 90P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14, 12-Bit, 65 MSPS, 158 mW/CH
More results

Similar Description - AFE5809_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5807ZCF TI1-AFE5807ZCF Datasheet
1Mb / 74P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End
AFE5803 TI-AFE5803 Datasheet
790Kb / 52P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End
AFE5809 TI-AFE5809_13 Datasheet
1Mb / 90P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14, 12-Bit, 65 MSPS, 158 mW/CH
AFE5808 TI1-AFE5808 Datasheet
1Mb / 68P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75nV/rtHz, 14/12-Bit, 65MSPS, 153mW/CH
AFE5812 TI-AFE5812_15 Datasheet
2Mb / 109P
[Old version datasheet]   AFE5812 Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 180 mW/CH
AFE5808A TI1-AFE5808A_17 Datasheet
1Mb / 83P
[Old version datasheet]   65-MSPS, 158 mW/Channel, Fully-Integrated, 8-Channel, 14- and 12-Bit, Ultrasound Analog Front-End With Passive CW Mixer
AFE5807 TI1-AFE5807 Datasheet
1Mb / 71P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
AFE5807 TI1-AFE5807_14 Datasheet
1Mb / 75P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
AFE5808 TI1-AFE5808_14 Datasheet
1Mb / 76P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End With Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 153 mW/CH
AFE5808A TI1-AFE5808A Datasheet
1Mb / 66P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com