Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFE5809 Datasheet(PDF) 1 Page - Texas Instruments

Part # AFE5809
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End With Passive CW Mixer, andD igital I/Q Demodulator
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5809 Datasheet(HTML) 1 Page - Texas Instruments

  AFE5809_14 Datasheet HTML 1Page - Texas Instruments AFE5809_14 Datasheet HTML 2Page - Texas Instruments AFE5809_14 Datasheet HTML 3Page - Texas Instruments AFE5809_14 Datasheet HTML 4Page - Texas Instruments AFE5809_14 Datasheet HTML 5Page - Texas Instruments AFE5809_14 Datasheet HTML 6Page - Texas Instruments AFE5809_14 Datasheet HTML 7Page - Texas Instruments AFE5809_14 Datasheet HTML 8Page - Texas Instruments AFE5809_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 100 page
background image
SPI
LNA
VCAT
0 to -40 dB
SPI Logic
16X CLKP
IN
PGA
24, 30dB
3
rd LP Filter
10, 15, 20, 30
MHz
16 Phases
Generator
CW Mixer
Summing
Amplifier/ Filter
16X CLKN
1X CLK
CW I/Q Vout
AFE5809 with Demodulator
1 of 8 Channels
14 Bit
ADC
LVDS
OUT
Reference
Reference
Differential
TGC Vcntl
EXT/INT
REFM/P
Digital
DeMod &
LP Filter
LVDS
Serializer
Logic
Control
DeMod
Control
AFE5809
www.ti.com
SLOS738D – SEPTEMBER 2012 – REVISED JANUARY 2014
Fully Integrated, 8-Channel Ultrasound Analog Front End With Passive CW Mixer, and
Digital I/Q Demodulator, 0.75 nV/rtHz, 14, 12-Bit, 65 MSPS, 158 mW/CH
Check for Samples: AFE5809
1
FEATURES
8-Channel Complete Analog Front-End
< 1 kHz Frequency Resolution
LNA, VCAT, PGA, LPF, ADC, and CW Mixer
Decimation Filter Factor M = 1 to 32
Programmable Gain Low-Noise Amplifier
16xM tap FIR Decimation Filter
(LNA)
LVDS Rate Reduction after Demodulation
24, 18, 12 dB Gain
On-chip RAM With 32 Preset Profiles
0.25, 0.5, 1 VPP Linear Input Range
Low Harmonic Distortion
0.63, 0.7, 0.9 nV/rtHz Input Referred Noise
Low Frequency Sonar Signal Processing
Programmable Active Termination
Fast and Consistent Overload Recovery
40-dB Low Noise Voltage Controlled
Passive Mixer for Continuous Wave
Attenuator (VCAT)
Doppler(CWD)
24/30-dB Programmable Gain Amplifier (PGA)
Low Close-in Phase Noise –156 dBc/Hz at 1
3rd Order Linear Phase Low-Pass Filter (LPF)
kHz off 2.5 MHz Carrier
10, 15, 20, 30 MHz
Phase Resolution of 1/16
λ
14-bit Analog-to-Digital Converter (ADC)
Support 16X, 8X, 4X and 1X CW Clocks
77 dBFS SNR at 65 MSPS
12dB Suppression on 3rd and 5th Harmonics
LVDS Outputs
Flexible Input Clocks
Noise, Power Optimizations (Without Digital
Small Package: 15 mm × 9 mm, 135-BGA
Demodulator)
APPLICATIONS
158 mW/CH at 0.75 nV/rtHz, 65 MSPS
Medical Ultrasound Imaging
101 mW/CH at 1.1 nV/rtHz, 40 MSPS
Nondestructive Evaluation Equipments
80 mW/CH at CW Mode
Sonar Applications
Excellent Device-to-Device Gain Matching
±0.5 dB (Typical) and ±1 dB (Max)
Digital I/Q Demodulator after ADC
Wide Range Demodulation Frequency
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2014, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - AFE5809_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5809 TI-AFE5809_13 Datasheet
1Mb / 90P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14, 12-Bit, 65 MSPS, 158 mW/CH
More results

Similar Description - AFE5809_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5807ZCF TI1-AFE5807ZCF Datasheet
1Mb / 74P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End
AFE5803 TI-AFE5803 Datasheet
790Kb / 52P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End
AFE5809 TI-AFE5809_13 Datasheet
1Mb / 90P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14, 12-Bit, 65 MSPS, 158 mW/CH
AFE5808 TI1-AFE5808 Datasheet
1Mb / 68P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75nV/rtHz, 14/12-Bit, 65MSPS, 153mW/CH
AFE5812 TI-AFE5812_15 Datasheet
2Mb / 109P
[Old version datasheet]   AFE5812 Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 180 mW/CH
AFE5808A TI1-AFE5808A_17 Datasheet
1Mb / 83P
[Old version datasheet]   65-MSPS, 158 mW/Channel, Fully-Integrated, 8-Channel, 14- and 12-Bit, Ultrasound Analog Front-End With Passive CW Mixer
AFE5807 TI1-AFE5807 Datasheet
1Mb / 71P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
AFE5807 TI1-AFE5807_14 Datasheet
1Mb / 75P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
AFE5808 TI1-AFE5808_14 Datasheet
1Mb / 76P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End With Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 153 mW/CH
AFE5808A TI1-AFE5808A Datasheet
1Mb / 66P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com