Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFE5809 Datasheet(PDF) 41 Page - Texas Instruments

Part # AFE5809
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End With Passive CW Mixer, andD igital I/Q Demodulator
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5809 Datasheet(HTML) 41 Page - Texas Instruments

Back Button AFE5809_14 Datasheet HTML 37Page - Texas Instruments AFE5809_14 Datasheet HTML 38Page - Texas Instruments AFE5809_14 Datasheet HTML 39Page - Texas Instruments AFE5809_14 Datasheet HTML 40Page - Texas Instruments AFE5809_14 Datasheet HTML 41Page - Texas Instruments AFE5809_14 Datasheet HTML 42Page - Texas Instruments AFE5809_14 Datasheet HTML 43Page - Texas Instruments AFE5809_14 Datasheet HTML 44Page - Texas Instruments AFE5809_14 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 100 page
background image
AFE5809
www.ti.com
SLOS738D – SEPTEMBER 2012 – REVISED JANUARY 2014
Table 10. LNA Input Impedances vs Register 52[4:0]
Z
LNA:12dB
LNA:18dB
LNA:24dB
Z
LNA:12dB
LNA:18dB
LNA:24dB
Z
LNA:12dB
LNA:18dB
LNA:24dB
(
Ω)
(
Ω)
(
Ω)
25
11111
67
10101
143
10100
27
10111/011
69
11010
144
01010
11
29
00111/110
72
00101
150
00001
10010
11
31
01011/100
73
11001
154
11110
11
33
00011
76
11111
171
01110
34
11101
80
01111
01001
01010
176
10110
36
01101
81
10111
180
00010
37
10101
82
10001
189
11100
40
00101
83
10010
200
00110
00100
41
11001
86
00111
207
11010
44
01001
87
11011
222
11000
45
10001
90
00001
240
01010
01100
46
11111
92
01011
11110
250
10010
48
01111
94
10011
257
10100
49
10111
100
00011
00010
300
00010
50
00001
102
11101
316
11100
51
00111/111
103
01110
360
00100
10
52
11011
105
11100
400
01100
11000
01000
55
01011
106
10110
429
10100
56
10011
109
01101
500
10000
57
01110
111
10101
600
00100
59
10110
120
00101
00110
667
11000
60
00011
122
11001
720
01000
61
11101
124
11010
900
10000
65
01101
133
01001
01100
1200 01000
66.7
00110
136
10001
1500 10000
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Links: AFE5809


Similar Part No. - AFE5809_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5809 TI-AFE5809_13 Datasheet
1Mb / 90P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14, 12-Bit, 65 MSPS, 158 mW/CH
More results

Similar Description - AFE5809_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5807ZCF TI1-AFE5807ZCF Datasheet
1Mb / 74P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End
AFE5803 TI-AFE5803 Datasheet
790Kb / 52P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End
AFE5809 TI-AFE5809_13 Datasheet
1Mb / 90P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14, 12-Bit, 65 MSPS, 158 mW/CH
AFE5808 TI1-AFE5808 Datasheet
1Mb / 68P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75nV/rtHz, 14/12-Bit, 65MSPS, 153mW/CH
AFE5812 TI-AFE5812_15 Datasheet
2Mb / 109P
[Old version datasheet]   AFE5812 Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 180 mW/CH
AFE5808A TI1-AFE5808A_17 Datasheet
1Mb / 83P
[Old version datasheet]   65-MSPS, 158 mW/Channel, Fully-Integrated, 8-Channel, 14- and 12-Bit, Ultrasound Analog Front-End With Passive CW Mixer
AFE5807 TI1-AFE5807 Datasheet
1Mb / 71P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
AFE5807 TI1-AFE5807_14 Datasheet
1Mb / 75P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
AFE5808 TI1-AFE5808_14 Datasheet
1Mb / 76P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End With Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 153 mW/CH
AFE5808A TI1-AFE5808A Datasheet
1Mb / 66P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com