Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7924 Datasheet(PDF) 8 Page - Texas Instruments

Part # ADS7924
Description  2.2V, 12-Bit, 4-Channel, microPOWER??ANALOG-TO-DIGITAL CONVERTER WITH I2C INTERFACE
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7924 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS7924_14 Datasheet HTML 4Page - Texas Instruments ADS7924_14 Datasheet HTML 5Page - Texas Instruments ADS7924_14 Datasheet HTML 6Page - Texas Instruments ADS7924_14 Datasheet HTML 7Page - Texas Instruments ADS7924_14 Datasheet HTML 8Page - Texas Instruments ADS7924_14 Datasheet HTML 9Page - Texas Instruments ADS7924_14 Datasheet HTML 10Page - Texas Instruments ADS7924_14 Datasheet HTML 11Page - Texas Instruments ADS7924_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
1.5
1.0
0.5
0
0.5
1.0
1.5
-
-
-
0
512
4096
Code
1024
3072
1536
AVDD=5V
2560
2048
3584
1.5
1.0
0.5
0
0.5
1.0
1.5
-
-
-
0
512
4096
Code
1024
3072
1536
AVDD=2.2V
2560
2048
3584
1.5
1.0
0.5
0
0.5
1.0
1.5
-
-
-
Temperature( C)
°
AVDD=2.2V
DNLshownisworstresultovertransferfunction.
MaximumDNL
MinimumDNL
-40.0
105.0
-25.5 -11.0
3.5
18.0
32.5
47.0
61.5
76.0
90.5
9000
8000
7000
6000
5000
4000
3000
2000
1000
0
Code
DCInput
AVDD=2.2V
9000
8000
7000
6000
5000
4000
3000
2000
1000
0
Code
DCInput
AVDD=5V
ADS7924
SBAS482A – JANUARY 2010 – REVISED MAY 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, unless otherwise noted.
DIFFERENTIAL NONLINEARITY
DIFFERENTIAL NONLINEARITY
Figure 14.
Figure 15.
DIFFERENTIAL NONLINEARITY vs TEMPERATURE
NOISE HISTOGRAM(1)
Figure 16.
Figure 17.
NOISE HISTOGRAM(1)
Figure 18.
(1)
At code center.
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): ADS7924


Similar Part No. - ADS7924_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7924 TI1-ADS7924_15 Datasheet
1Mb / 50P
[Old version datasheet]   4-Channel, MicroPOWER Analog-to-Digital Converter
More results

Similar Description - ADS7924_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7924 TI-ADS7924 Datasheet
669Kb / 42P
[Old version datasheet]   2.2V, 12-Bit, 4-Channel, microPOWER??ANALOG-TO-DIGITAL CONVERTER WITH I2C INTERFACE
ADS7828E TI-ADS7828E Datasheet
860Kb / 22P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C Interface
ADS7828 TI1-ADS7828_14 Datasheet
877Kb / 23P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7828 TI-ADS7828 Datasheet
290Kb / 17P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7828-Q1 TI1-ADS7828-Q1 Datasheet
340Kb / 22P
[Old version datasheet]   12-BIT 8-CHANNEL SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH I2C??INTERFACE
logo
ams AG
AS1538 AMSCO-AS1538_1 Datasheet
749Kb / 20P
   8/4-Channel, 12-Bit I2C Analog-to-Digital Converter
logo
Texas Instruments
ADS1000 TI1-ADS1000_14 Datasheet
629Kb / 23P
[Old version datasheet]   LOW-POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
logo
Analog Devices
ADS1000 AD-ADS1000 Datasheet
243Kb / 17P
   LOW POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
logo
Texas Instruments
ADS1000-Q1 TI1-ADS1000-Q1 Datasheet
661Kb / 20P
[Old version datasheet]   LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH I2C??INTERFACE
logo
ams AG
AS1538 AMSCO-AS1538 Datasheet
80Kb / 2P
   8-Channel, 12-Bit I2C Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com