Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7924 Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS7924
Description  2.2V, 12-Bit, 4-Channel, microPOWER??ANALOG-TO-DIGITAL CONVERTER WITH I2C INTERFACE
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7924 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS7924_14 Datasheet HTML 2Page - Texas Instruments ADS7924_14 Datasheet HTML 3Page - Texas Instruments ADS7924_14 Datasheet HTML 4Page - Texas Instruments ADS7924_14 Datasheet HTML 5Page - Texas Instruments ADS7924_14 Datasheet HTML 6Page - Texas Instruments ADS7924_14 Datasheet HTML 7Page - Texas Instruments ADS7924_14 Datasheet HTML 8Page - Texas Instruments ADS7924_14 Datasheet HTML 9Page - Texas Instruments ADS7924_14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
14
12
10
8
6
4
2
0
-40.0
105.0
Temperature( C)
°
-25.5
Auto-SingleMode
t
=2.5ms
A
=5.0V
FastI CInterfaceMode
VDD=DVDD
CYCLE
2
AnalogCurrent
DigitalCurrent
-11.0
3.5
18.0
32.5
47.0
61.5
76.0
90.5
1000
100
10
1
0.01
0.1
1000
t
(ms)
CYCLE
1
10
100
AVDD=2.2V
t
=0V
t
=6 s
PU
ACQ
m
Auto-ScanModes
(4-ChannelMeasurements)
Auto-SingleModes
(1-ChannelMeasurements)
10000
1000
100
10
1
0.01
0.1
1000
t
(ms)
CYCLE
1
10
100
AVDD=5V
t
=0V
t
=6 s
PU
ACQ
m
Auto-SingleModes
(1-ChannelMeasurements)
Auto-ScanModes
(4-ChannelMeasurements)
10
9
8
7
6
5
4
3
2
1
0
2.0
2.5
3.0
6.0
AVDDSupplyVoltage(V)
3.5
4.0
5.0
4.5
5.5
Auto-SingleMode
t
=2.5ms
CYCLE
0
1
2
3
4
5
6
7
8
9
10
-
-
-
-
-
-
-
-
-
-
2
3
6
AVDDSupplyVoltage(V)
4
30UnitsAcrossTwoLots
5
Mean+ s
Mean
Mean - s
0
1
2
3
4
5
6
7
8
9
10
-
-
-
-
-
-
-
-
-
-
Temperature( C)
°
AVDD=2.2V
-40.0
105.0
-25.5 -11.0
3.5
18.0
32.5
47.0
61.5
76.0
90.5
ADS7924
SBAS482A – JANUARY 2010 – REVISED MAY 2010
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, unless otherwise noted.
CURRENT vs TEMPERATURE
AVERAGE POWER DISSIPATION vs CYCLE TIME
Figure 2.
Figure 3.
AVERAGE POWER DISSIPATION vs CYCLE TIME
ANALOG SUPPLY CURRENT vs SUPPLY VOLTAGE
Figure 4.
Figure 5.
TYPICAL GAIN ERROR vs AVDD VOLTAGE
GAIN ERROR DRIFT
Figure 6.
Figure 7.
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): ADS7924


Similar Part No. - ADS7924_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7924 TI1-ADS7924_15 Datasheet
1Mb / 50P
[Old version datasheet]   4-Channel, MicroPOWER Analog-to-Digital Converter
More results

Similar Description - ADS7924_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7924 TI-ADS7924 Datasheet
669Kb / 42P
[Old version datasheet]   2.2V, 12-Bit, 4-Channel, microPOWER??ANALOG-TO-DIGITAL CONVERTER WITH I2C INTERFACE
ADS7828E TI-ADS7828E Datasheet
860Kb / 22P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C Interface
ADS7828 TI1-ADS7828_14 Datasheet
877Kb / 23P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7828 TI-ADS7828 Datasheet
290Kb / 17P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7828-Q1 TI1-ADS7828-Q1 Datasheet
340Kb / 22P
[Old version datasheet]   12-BIT 8-CHANNEL SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH I2C??INTERFACE
logo
ams AG
AS1538 AMSCO-AS1538_1 Datasheet
749Kb / 20P
   8/4-Channel, 12-Bit I2C Analog-to-Digital Converter
logo
Texas Instruments
ADS1000 TI1-ADS1000_14 Datasheet
629Kb / 23P
[Old version datasheet]   LOW-POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
logo
Analog Devices
ADS1000 AD-ADS1000 Datasheet
243Kb / 17P
   LOW POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
logo
Texas Instruments
ADS1000-Q1 TI1-ADS1000-Q1 Datasheet
661Kb / 20P
[Old version datasheet]   LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH I2C??INTERFACE
logo
ams AG
AS1538 AMSCO-AS1538 Datasheet
80Kb / 2P
   8-Channel, 12-Bit I2C Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com