Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IB1524LS-1W Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # IB1524LS-1W
Description  SINGLE OUTPUT DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

IB1524LS-1W Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  IB1524LS-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. IB1524LS-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. IB1524LS-1W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. IB1524LS-1W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DC/DC Module Power Supply
IB_XT-1WR2 series
2014.05.22-A/1
Page 2 of 4
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
General Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Input-output, with the test time of 1 minute and
the leak current lower than 1mA
1500
--
--
VDC
Isolation Resistance
Input-output, isolationn voltage 500VDC
1000
--
--
Isolation Capacitance
Input-output, 100KHz/0.1V
--
20
--
pF
Operating Temperature
Derating when operating temperature up to
71℃,(see Fig. 1)
-40
--
85
Storage Temperature
-55
--
125
Casing Temperature Rise
Ta =25℃
--
25
--
Pin Welding Resistance Temperature
Welding spot is 1.5mm away from the casing,
10 seconds
--
--
300
Reflow Soldering Temperature
Peak temp.≤245℃,maximum duration time≤60s
at 217℃. For actual application, please refer to
IPC/JEDEC J-STD-020D.1.
Storage Humidity
Non-condensing
--
--
95
%
Switching Frequency
100% load, nominal input voltage
--
100
300
KHz
MTBF
MIL-HDFK-217F@25℃
3500
--
--
K hours
Physical Specifications
Casing Material
Black flame-retardant heat-proof epoxy resin (UL94-V0)
Package Dimensions
15.24*11.20*7.25 mm
Weight
2.0g (
Typ.)
Cooling Method
Free air convection
EMC Specifications
EMI
Conducted disturbance
CISPR22/EN55022 CLASS B (see Fig. 3 for recommended circuit)
Radiated emission
CISPR22/EN55022 CLASS B (see Fig. 3 for recommended circuit)
EMS
Electrostatic discharge
IEC/EN61000-4-2
Contact ±6KV
perf. Criteria B
Product Characteristic Curve
120
100
80
60
40
20
0
-40
0
40
85
120
Am bi ent Te mp.( )
Safe Operating Area
Temperature Derating Grap h
71
Fig. 1
IB0505XT-1WR2
50
55
60
65
70
75
80
85
90
95
100
Input Voltage(V)
Efficiency Vs Input Voltage(Full Load)
IB0505XT-1WR2
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90 100
Output Current Percentage(%)
Efficiency Vs Output Load(Vin=5V)


Similar Part No. - IB1524LS-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
IB1505LS-W75 MORNSUN-IB1505LS-W75 Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
IB1505LT-W75 MORNSUN-IB1505LT-W75 Datasheet
112Kb / 2P
   SINGLE OUTPUT SMD DC-DC CONVERTER
logo
Crystek Corporation
IB1505LT-W75 CRYSTEKCRYSTAL-IB1505LT-W75 Datasheet
304Kb / 3P
   1W, FIXED INPUT, ISOLATED & REGULATED SINGLE OUTPUT SMD DC-DC CONVERTER
logo
MORNSUN Science& Techno...
IB1505S-2W MORNSUN-IB1505S-2W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
logo
Microdc power Technolog...
IB1505XLS-1W MICRODC-IB1505XLS-1W Datasheet
653Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
More results

Similar Description - IB1524LS-1W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CMKR WALL-CMKR Datasheet
146Kb / 3P
   Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
IB0505S-2W MORNSUN-IB0505S-2W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
F0305AS-1W MORNSUN-F0305AS-1W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB1203D-40W MORNSUN-VRB1203D-40W Datasheet
115Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
IB0505LD-W75 MORNSUN-IB0505LD-W75 Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB2403LD-30W MORNSUN-VRB2403LD-30W Datasheet
162Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
F0303M-1W MORNSUN-F0303M-1W Datasheet
202Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
B0303S-D-W2 MORNSUN-B0303S-D-W2 Datasheet
159Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
B0303SD-1WR2 MORNSUN-B0303SD-1WR2 Datasheet
615Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
B0503SD-1WR2 MORNSUN-B0503SD-1WR2 Datasheet
615Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
B0515YS-1W MORNSUN-B0515YS-1W Datasheet
298Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com