Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IF1215S-1W Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # IF1215S-1W
Description  1W, FIXED INPUT, ISOLATED & REGULATED SINGLE OUTPUT DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

IF1215S-1W Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  IF1215S-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. IF1215S-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. IF1215S-1W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. IF1215S-1W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
IF_S-1W & IF_D-1W
2013.11.21-A/4
Page 3 of4
APPLICATION NOTE
1)Requirement on output load
To ensure this module can operate efficiently and reliably, During operation, the minimum output load could not be less than 10% of the full load.
If the actual output power is very small, please connect a resistor with proper resistance at the output end in parallel to increase the load.
2)Recommended circuit
If you want to further decrease the input/output ripple, an
“LC” filtering network may be connected to the input and output ends of the DC/DC
converter, see (Figure 1).
L
Vin
GND
+Vo
0V
DC
Cin
L
DC
Cout
(Figure 1)
It should also be noted that the inductance and the frequency of the
“LC” filtering network should be staggered with the DC/DC frequency to avoid
mutual interference. However, the capacitance of the output filter capacitor must be proper. If the capacitance is too big, a startup problem might
arise. For every channel of output, provided the safe and reliable operation is ensured, the greatest capacitance of its filter capacitor sees (Table 1).
EXTERNAL CAPACITOR TABLE (TABLE 1)
It
’s not recommend to connect any external capacitor in the application field with less than 0.5 watt output.
3)Overload Protection
Under normal operating conditions, the output circuit of these products has no protection against over-current and short-circuits. The simplest
method is to connect a self-recovery fuse in series at the input end or add a circuit breaker to the circuit.
4)Input Over-voltage Protection Circuit
The simplest device for input over-voltage protection is a linear voltage regulator with overheat protection that is connected to the input end in
series (Figure 2).
Vin
GND
REG
+Vo
DC
DC
0V
(Figure 2)
5)When the environment temperature is higher than 71
°C, the product output power should be less then 60% of the rated power.
6)It is not recommended to increase the output power capability by connecting two or more converters in parallel. The product is not
hot-swappable.
Vin
(VDC)
Cin
(
μF)
Vout
(VDC)
Cout
(
μF)
5
4.7
5
10
12
2.2
9
4.7
24
1
12
2.2
-
-
15
1


Similar Part No. - IF1215S-1W

ManufacturerPart #DatasheetDescription
logo
Guangzhou Reicu Electro...
IF1215S-1W REICU-IF1215S-1W Datasheet
1Mb / 1P
   3000VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
IF1215S-1WR3 MORNSUN-IF1215S-1WR3 Datasheet
1Mb / 4P
   1W isolated DC-DC converter Fixed input voltage, regulated single output
2021.12.28
More results

Similar Description - IF1215S-1W

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
1T12CW GAPTEC-1T12CW Datasheet
890Kb / 4P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Regulated
1T14A-3RP GAPTEC-1T14A-3RP Datasheet
676Kb / 3P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated - Regulated
1T10A-1.5RP GAPTEC-1T10A-1.5RP Datasheet
1Mb / 4P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Regulated
logo
Crystek Corporation
IB0512LT-1W CRYSTEKCRYSTAL-IB0512LT-1W Datasheet
304Kb / 3P
   1W, FIXED INPUT, ISOLATED & REGULATED SINGLE OUTPUT SMD DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1T16WE GAPTEC-1T16WE Datasheet
851Kb / 3P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Regulated
logo
MORNSUN Science& Techno...
IF_S-1WR3 MORNSUN-IF_S-1WR3 Datasheet
1Mb / 4P
   1W isolated DC-DC converter Fixed input voltage, regulated single output
2021.12.28
logo
GAPTEC Electronic GmbH ...
1T14A GAPTEC-1T14A Datasheet
1Mb / 4P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated - Regulated & Unregulated
logo
Microdc power Technolog...
IF-XS-2W MICRODC-IF-XS-2W Datasheet
467Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
F-XSR MICRODC-F-XSR Datasheet
455Kb / 2P
   FIXED INPUT,ISOLATED®ULATED Single Output DC/DC Converter
IB-XLS-1W MICRODC-IB-XLS-1W Datasheet
653Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com