Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H0503S-1W Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # H0503S-1W
Description  1W, FIXED INPUT, ISOLATED & UNREGULATED SINGLE / DUAL OUTPUT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

H0503S-1W Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  H0503S-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. H0503S-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. H0503S-1W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. H0503S-1W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. H0503S-1W Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
H_S-1W & G_S-1W
2013.05.21-B/3
Page 4 of 5
Efficiency VS Input Voltage curve
(Full Load)
50
55
60
65
70
75
80
85
90
95
100
Input Voltage(V)
H2405S-1W
Efficiency VS Output Load curve
(Vin=Vin-nominal)
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90 100
Total Output Current (%)
H2405S-1W
DIMENSIONS, RECOMMENDED FOOTPRINT & PACKAGING
TEST CONFIGURATIONS
Input Reflected-Ripple Current Test Setup
Input reflected-ripple current is measured with an inductor Lin and Capacitor Cin to simulate the source impedance .
DC
Cin
Lin
DC
Load
Oscilloscope
Current
Probe
Lin(4.7
µH)
Cin(220
µF, ESR < 1.0Ω at 100 KHz)


Similar Part No. - H0503S-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
H0503S-1W MORNSUN-H0503S-1W Datasheet
1Mb / 5P
   FIXED INPUT, ISOLATED & UNREGULATED SINGLE / DUAL OUTPUT
H0503S-1WR2 MORNSUN-H0503S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
H0503S-1WR2 MORNSUN-H0503S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
H0503S-1W MORNSUN-H0503S-1W_15 Datasheet
1Mb / 5P
   FIXED INPUT, ISOLATED & UNREGULATED SINGLE / DUAL OUTPUT
More results

Similar Description - H0503S-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B0505XT-1WR2 MORNSUN-B0505XT-1WR2 Datasheet
406Kb / 5P
   1W, FIXED INPUT, ISOLATED & UNREGULATED SINGLE OUTPUT
A0503S-1WR3 MORNSUN-A0503S-1WR3 Datasheet
649Kb / 5P
   1W, Fixed input voltage, isolated & unregulated dual/single output
E0503S-1WR3 MORNSUN-E0503S-1WR3 Datasheet
632Kb / 5P
   1W, Fixed input voltage , isolated & unregulated dual/single output
B0303S-1WR2 MORNSUN-B0303S-1WR2 Datasheet
1Mb / 6P
   1W, Fixed input voltage, isolated & unregulated single output
A0505XT-1WR3 MORNSUN-A0505XT-1WR3 Datasheet
660Kb / 4P
   1W, Fixed input voltage, isolated & unregulated dual output
B0550LD-1WR2 MORNSUN-B0550LD-1WR2 Datasheet
663Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
logo
RSG Electronic Componen...
RT1-S10D1WR RSG-RT1-S10D1WR Datasheet
817Kb / 5P
   1W fixed input voltage isolated & unregulated single output
logo
MORNSUN Science& Techno...
B0503XT-1WR3 MORNSUN-B0503XT-1WR3 Datasheet
677Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
F0503N-1WR3 MORNSUN-F0503N-1WR3 Datasheet
748Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
logo
RSG Electronic Componen...
RT4-D10D3WR RSG-RT4-D10D3WR Datasheet
745Kb / 5P
   1W fixed input voltage isolated & unregulated dual output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com