Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E0512XD-1W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # E0512XD-1W
Description  DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

E0512XD-1W Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  E0512XD-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. E0512XD-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. E0512XD-1W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
E_XD-1W & F_XD-1W
A/2-2012
Page 1 of 3
E_XD-1W & F_XD-1W Series
1W,FIXED INPUT,3000V ISOLATED & UNREGULATED
DUAL/SINGLE OUTPUT DC-DC CONVERTER
RoHS
FEATURES
PRODUCT PROGRAM
Input
Output
Voltage (VDC)
Current (mA)
Part
Number
Nominal
Range
Voltage
(VDC)
Max.
Min.
Efficiency
(%, Typ.)
F0505XD-1W
5
200
20
77
E0512XD-1W
5
4.5-5.5
±12
±42
±4
76
F2405XD-1W
24
21.6-26.4
5
200
20
75
Note:
1.Models listed with strike-through text have been officially discontinued.
COMMON SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Units
Storage humidity range
95
%
Operating temperature
-40
85
Storage temperature
-55
125
Temp. rise at full load
15
25
Lead temperature
1.5mm from case for 10 seconds
300
°C
Short circuit protection*
Continuous
Cooling
Free air convection
Case material
Plastic(UL94-V0)
MTBF
3500
k hours
Weight
2.4
g
ISOLATION SPECIFICATIONS
Item
Test conditions
Min.
Typ.
Max.
Units
Isolation voltage
Tested for 1 minute and 1mA max 3000
VDC
Isolation resistance
Test at 500VDC
1000
M
Ω
Isolation capacitance
7
pF
● DIP package
● 3KVDC isolation
● Temperature range: -40°C ~ +85°C
● No heat sink required
● No external component required
● Internal SMD construction
● Industry standard pinout
● RoHS Compliance
● Compatible with “DCP01” series
APPLICATIONS
The
E_XD-1W
&
F_XD-1W
series
are
specially designed for applications where a
group of polar power supplies are isolated from
the input power supply in a distributed power
supply system on a circuit board.
These products apply to:
1) Where the voltage of the input power supply
is fixed (voltage variation
≤ ±10%);
2) Where isolation is necessary between input
and output (isolation voltage
≤3000VDC);
3) Where the regulation of the output voltage
and
the
output
ripple
noise
are
not
demanding.
Such as: purely digital circuits, ordinary low
frequency analog circuits, and IGBT power
device driving circuits.
MODEL SELECTION
F0505XD-1W
Rated Power
Package Style
Output Voltage
Input Voltage
Product Series
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development
center, Science Ave., Guangzhou Science City,
Luogang district, Guangzhou,P.R.China.
Tel: 86-20-38601850
Fax:86-20-38601272
Http://www.mornsun-power.com


Similar Part No. - E0512XD-1W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
E0512XD MICRODC-E0512XD Datasheet
657Kb / 4P
   Isolated 1W Dual Single Output DC/DC Converters
More results

Similar Description - E0512XD-1W

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com