Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1515S-1WR2 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # A1515S-1WR2
Description  DC/DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

A1515S-1WR2 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  A1515S-1WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. A1515S-1WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. A1515S-1WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. A1515S-1WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. A1515S-1WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DC/DC Converter
A_S-1W(E)R2 & B_LS-1W(E)R2 Series
2014.03.03-A/3
Page 2 of5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Selection Guide
Part No.*
Input Voltage
(VDC)
Output
Efficiency (%,
Min./Typ.)
@ Full Load
Max. Capacitive
Load**
(µF)
Output Voltage
(VDC)
Output Current (mA)
(Max./Min.)
B1203LS-1WR2
10.8-13.2
(12VDC nominal)
3.3
303/31
72/76
220
B1205LS-1WR2
5
200/20
76/80
B1209LS-1WR2
9
111/11
76/80
B1212LS-1WR2
12
84/9
76/80
B1215LS-1WR2
15
67/7
76/80
B1224LS-1WR2
24
42/5
76/80
A1505S-1WR2
13.5-16.5
(15VDC nominal)
±5
±100/±10
76/80
100
A1509S-1WR2
±9
±56/±6
76/80
A1512S-1WR2
±12
±42/±5
76/80
A1515S-1WR2
±15
±34/±4
76/80
A1524S-1WR2
±24
±21/±3
76/80
B1505LS-1WR2
5
200/20
76/80
220
B1509LS-1WR2
9
111/11
76/80
B1512LS-1WR2
12
84/9
76/80
B1515LS-1WR2
15
67/7
76/80
B1524LS-1WR2
24
42/5
76/80
A2405S-1WR2
21.6-26.4
(24VDC nominal)
±5
±100/±10
76/80
100
A2409S-1WR2
±9
±56/±6
76/80
A2412S-1WR2
±12
±42/±5
76/80
A2415S-1WR2
±15
±34/±4
76/80
A2424S-1WR2
±24
±21/±3
76/80
B2403LS-1WR2
3.3
303/31
70/74
220
B2405LS-1WR2
5
200/20
76/80
B2409LS-1WR2
9
111/11
76/80
B2412LS-1WR2
12
84/9
76/80
B2415LS-1WR2
15
67/7
76/80
B2424LS-1WR2
24
42/5
76/80
Note:
*Series with suffix "-1WER2" are EMI performance optimization model. As A0512S-1WER2,the EMI performance of such products is better than conventional
models (eg A0512S-1WR2), but the short circuit performance is worse than conventional models.
**The capacitive loads of positive and negative outputs are the same.
Input Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Input Current (full load / no-load)
3.3V input
--
404/30
--
mA
5V input
--
256/20
--
9V input
--
142/20
--
12V input
--
106/15
--
15V input
--
84/10
--
24V input
--
54/7
--
Surge Voltage (1sec. max.)
3.3V input
-0.7
--
5
VDC
5V input
-0.7
--
9
9V input
-0.7
--
12
12V input
-0.7
--
18
15V input
-0.7
--
21
24V input
-0.7
--
30
Reflected Ripple Current
--
15
--
mA
Input Filter
Capacitor filter


Similar Part No. - A1515S-1WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
A1515S-1WR2 MORNSUN-A1515S-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - A1515S-1WR2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com