Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2413 Datasheet(PDF) 5 Page - NEC

Part # 2SK2413
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK2413 Datasheet(HTML) 5 Page - NEC

  2SK2413 Datasheet HTML 1Page - NEC 2SK2413 Datasheet HTML 2Page - NEC 2SK2413 Datasheet HTML 3Page - NEC 2SK2413 Datasheet HTML 4Page - NEC 2SK2413 Datasheet HTML 5Page - NEC 2SK2413 Datasheet HTML 6Page - NEC 2SK2413 Datasheet HTML 7Page - NEC 2SK2413 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SK2413
5
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
GATE TO SOURCE CUTOFF VOLTAGE vs.
CHANNEL TEMPERATURE
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
1000
100
10
1
0.1
0.01
10
100
1 m
10 m
100 m
1
10
100
1000
Single Pulse
PW - Pulse Width - s
100
10
1
1
10
100
ID - Drain Current - A
120
100
80
60
40
20
0
010
20
ID = 5 A
VGS - Gate to Source Voltage - V
2.0
–50
1.5
1.0
0.5
0
0
50
100
150
Tch - Channel Temperature - ˚C
VDS = 10 V
ID = 1 mA
160
1
ID - Drain Current - A
140
100
80
60
0
10
100
VGS = 10 V
VGS = 4 V
VDS = 10 V
Pulsed
120
Pulsed
40
20
Pulsed
TA = –25 ˚C
25 ˚C
75 ˚C
125 ˚C
Rth (ch-a) = 69.4 ˚C/W
µµ


Similar Part No. - 2SK2413

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK2413 ISC-2SK2413 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK2413 RENESAS-2SK2413 Datasheet
309Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1994
More results

Similar Description - 2SK2413

ManufacturerPart #DatasheetDescription
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com