Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1203S-1WR2 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # A1203S-1WR2
Description  DC/DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

A1203S-1WR2 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  A1203S-1WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. A1203S-1WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. A1203S-1WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. A1203S-1WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. A1203S-1WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DC/DC Converter
A_S-1W(E)R2 & B_LS-1W(E)R2 Series
2014.03.03-A/3
Page 1 of5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
1W, Fixed input voltage, isolated & unregulated
dual/single output
Patent Protection RoHS
FEATURES
l
Subminiature SIP package
l
Operating temperature range: -40℃ to +105℃
l
Efficiency up to 80%
l
Isolation voltage: 1.5K VDC
l
High power density
l
No external component required
l
International standard pin-out
A_S-1W(E)R2 & B_LS-1W(E)R2 series is specially designed for applications where an isolated voltage is required in a distributed power supply
system. It is suitable for:
1.Where the voltage of the input power supply is stable (voltage variation:
±10%Vin);
2.Where isolation is necessary between input and output (isolation voltage 1500VDC);
3.Where do not has high requirement of line regulation and load regulation;
4. Such as: pure digital circuits, low frequency analog circuits, relay-driven circuits and data switching circuits.
Selection Guide
Part No.*
Input Voltage
(VDC)
Output
Efficiency (%,
Min./Typ.)
@ Full Load
Max. Capacitive
Load**
(µF)
Output Voltage
(VDC)
Output Current (mA)
(Max./Min.)
A0305S-1WR2
2.97-3.63
(3.3VDC nominal)
±5
±100/±10
74/78
100
A0312S-1WR2
±12
±42/±5
74/78
A0315S-1WR2
±15
±34/±4
74/78
B0303LS-1WR2
3.3
303/31
68/72
220
B0305LS-1WR2
5
200/20
74/78
B0309LS-1WR2
9
111/11
74/78
B0312LS-1WR2
12
84/9
74/78
B0315LS-1WR2
15
67/7
74/78
A0503S-1WR2
4.5-5.5
(5VDC nominal)
±3.3
±152/±15
70/74
100
A0505S-1WR2
±5
±100/±10
76/80
A0509S-1WR2
±9
±56/±6
76/80
A0512S-1WR2
±12
±42/±5
76/80
A0515S-1WR2
±15
±34/±4
76/80
A0524S-1WR2
±24
±21/±3
76/80
B0503LS-1WR2
3.3
303/31
70/74
220
B0505LS-1WR2
5
200/20
76/80
B0509LS-1WR2
9
111/11
76/80
B0512LS-1WR2
12
84/9
76/80
B0515LS-1WR2
15
67/7
76/80
B0524LS-1WR2
24
42/5
76/80
A0909S-1WR2
8.1-9.9
(9VDC nominal)
±9
±56/±6
76/80
100
A0915S-1WR2
±15
±34/±4
76/80
A1203S-1WR2
10.8-13.2
(12VDC nominal)
±3.3
±152/±15
72/76
100
A1205S-1WR2
±5
±100/±10
76/80
A1209S-1WR2
±9
±56/±6
76/80
A1212S-1WR2
±12
±42/±5
76/80
A1215S-1WR2
±15
±34/±4
76/80
A1224S-1WR2
±24
±21/±3
76/80


Similar Part No. - A1203S-1WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
A1203S-1WR2 MORNSUN-A1203S-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
A1203S-1WR2 MORNSUN-A1203S-1WR2 Datasheet
265Kb / 5P
   DC/DC Converter
More results

Similar Description - A1203S-1WR2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com