Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12QS065 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12QS065
Description  Quad 12-Bit 65 MSPS A/D Converter with LVDS Serialized Outputs
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12QS065 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADC12QS065 Datasheet HTML 4Page - Texas Instruments ADC12QS065 Datasheet HTML 5Page - Texas Instruments ADC12QS065 Datasheet HTML 6Page - Texas Instruments ADC12QS065 Datasheet HTML 7Page - Texas Instruments ADC12QS065 Datasheet HTML 8Page - Texas Instruments ADC12QS065 Datasheet HTML 9Page - Texas Instruments ADC12QS065 Datasheet HTML 10Page - Texas Instruments ADC12QS065 Datasheet HTML 11Page - Texas Instruments ADC12QS065 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
VA
AGND
To Internal Circuitry
I/O
ADC12QS065
SNOSAD6H – JULY 2005 – REVISED MARCH 2007
www.ti.com
DC and Logic Electrical Characteristics
Unless otherwise specified, the following specifications apply for AGND = DGND = DRGND = 0V, VA = VD = +3.3V, VDR=
+2.5V, External VREF = +1.0V, fCLK = 65 MHz, fIN = 5 MHz, CL = 15 pF/pin. Boldface limits apply for TJ = TMIN to TMAX: all
other limits TJ = 25°C
(1) (2) (3) (4)
Units
Symbol
Parameter
Conditions
Typical(5)
Limits(5)
(Limits)
DIGITAL INPUT CHARACTERISTICS
VIN(1)
Logical “1” Input Voltage
VD = 3.6V
2.0
V (min)
VIN(0)
Logical “0” Input Voltage
VD = 3.0V
0.5
V (max)
IIN(1)
Logical “1” Input Current
VIN = 3.3V
1
µA
IIN(0)
Logical “0” Input Current
VIN = 0V
−1
µA
POWER SUPPLY CHARACTERISTICS
PD Pin = DGND
168
200
mA (max)
IA
Analog Supply Current
PD Pin = VD
0.5
mA
PD Pin = DGND
48
53
mA (max)
ID
Digital Supply Current
PD Pin = VD
0.2
mA
IDR
LVDS Output Supply Current
PD Pin = DGND, fIN = 33 MHz
46
62
mA (max)
PWR
Total Power Consumption
PD Pin = DGND, CL = 5 pF
828
990
mW (max)
(includes driver supply)
PD Pin = VD
3
mW
PSRR
Rejection of Full-Scale Error with
Power Supply Rejection Ratio
53
dB
VA = 3.0V vs. 3.6V
(1)
The inputs are protected as shown below. Input voltage magnitudes above VA or below GND will not damage this device, provided
current is limited per. However, errors in the A/D conversion can occur if the input goes above VA or below GND by more than 100 mV.
As an example, if VA is +3.3V, the full-scale input voltage must be ≤+3.4V to ensure accurate conversions.
(2)
To guarantee accuracy, it is required that |VA–VD| ≤ 100 mV and separate bypass capacitors are used at each power supply pin.
(3)
With the test condition for VREF = +1.0V (2VP-P differential input), the 12-bit LSB is 488 µV.
(4)
When the input voltage at any pin exceeds the power supplies (that is, VIN < AGND, or VIN > VA), the current at that pin should be
limited to 25 mA. The 50 mA maximum package input current rating limits the number of pins that can safely exceed the power supplies
with an input current of 25 mA to two.
(5)
Typical figures are at TA = 25°C, and represent most likely parametric norms at the time of product characterization. The typical
specifications are not guaranteed.
8
Submit Documentation Feedback
Copyright © 2005–2007, Texas Instruments Incorporated
Product Folder Links: ADC12QS065


Similar Part No. - ADC12QS065

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12QS065 NSC-ADC12QS065 Datasheet
694Kb / 18P
   Quad 12-Bit 65 MSPS A/D Converter with LVDS Serialized Outputs
logo
Texas Instruments
ADC12QS065CISQ/NOPB TI1-ADC12QS065CISQ/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   MSPS A/D Converter
logo
National Semiconductor ...
ADC12QS065CIVS NSC-ADC12QS065CIVS Datasheet
694Kb / 18P
   Quad 12-Bit 65 MSPS A/D Converter with LVDS Serialized Outputs
ADC12QS065EVAL NSC-ADC12QS065EVAL Datasheet
694Kb / 18P
   Quad 12-Bit 65 MSPS A/D Converter with LVDS Serialized Outputs
logo
Texas Instruments
ADC12QS065 TI1-ADC12QS065_15 Datasheet
1Mb / 34P
[Old version datasheet]   MSPS A/D Converter
More results

Similar Description - ADC12QS065

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12QS065 NSC-ADC12QS065 Datasheet
694Kb / 18P
   Quad 12-Bit 65 MSPS A/D Converter with LVDS Serialized Outputs
logo
Analog Devices
AD9229 AD-AD9229 Datasheet
471Kb / 15P
   Quad 12-Bit, 50/65 MSPS Serial LVDS 3V A/D Converter
Rev. PrF 10/06/2003
AD9228 AD-AD9228_07 Datasheet
1Mb / 52P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. B
AD9229-65EBZ AD-AD9229-65EBZ Datasheet
789Kb / 40P
   Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
REV. B
AD9228 AD-AD9228 Datasheet
1Mb / 52P
   Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9229 AD-AD9229_15 Datasheet
789Kb / 40P
   Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
REV. B
AD9228 AD-AD9228_15 Datasheet
2Mb / 56P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. E
logo
Intersil Corporation
HI5865 INTERSIL-HI5865 Datasheet
29Kb / 2P
   12-Bit, 65 MSPS A/D Converter
logo
Analog Devices
AD9289 AD-AD9289 Datasheet
1Mb / 16P
   Quad 8-Bit, 65 MSPS Serial LVDS 3V A/D Converter
Rev. PrJ 6/25/2004
AD15452 AD-AD15452 Datasheet
340Kb / 16P
   12-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com