Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E0512D-1WR2 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # E0512D-1WR2
Description  DC/DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

E0512D-1WR2 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  E0512D-1WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. E0512D-1WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. E0512D-1WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. E0512D-1WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. E0512D-1WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DC/DC Converter
E_D-1WR2 & F_D-1WR2 series
2014.02.20-A/0
Page 2 of5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Selection Guide
Part No.
Input Voltage
(VDC)
Output
Efficiency (%,
Min./Typ.)
@ Full Load
Max. Capacitive
Load*
(µF)
Output Voltage
(VDC)
Output Current (mA)
(Max./Min.)
F2403D-1WR2
21.6-26.4
(24VDC nominal)
3.3
303/31
71/75
220
F2405D-1WR2
5
200/20
75/79
F2412D-1WR2
12
83/9
77/81
F2415D-1WR2
15
67/7
77/81
F2424D-1WR2
24
42/5
77/81
Note: *The capacitive loads of positive and negative outputs are the same.
Input Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Input Current (full load / no-load)
3.3V input
--
404/30
--
mA
5V input
--
256/20
--
12V input
--
106/15
--
15V input
--
84/10
--
24V input
--
54/7
--
Surge Voltage (1sec. max.)
3.3V input
-0.7
--
5
VDC
5V input
-0.7
--
9
12V input
-0.7
--
18
15V input
-0.7
--
21
24V input
-0.7
--
30
Reflected Ripple Current
--
15
--
mA
Input Filter
Capacitance Filter
Output Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
See tolerance envelope graph (Fig. 1)
Linear Regulation
Input voltage
change: ±1%
3.3VDC output
--
--
±1.5
%
Other output
--
--
±1.2
Load Regulation
10%-100% load
3.3VDC output
--
18
--
5VDC output
--
12
--
12VDC output
--
8
--
15VDC output
--
7
--
24VDC output
--
6
--
Ripple & Noise*
20MHz bandwidth
--
60
--
mVp-p
Temperature Coefficient
100% load
--
--
±0.03
%/℃
Short Circuit Protection
Continuous, self-recovery
Note: * Ripple and noise are measured by
“parallel cable” method, please see DC-DC Converter Application Notes for specific operation.
General Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Insulation Voltage
Input-output, with the test time of 1 minute and
the leak current lower than 1mA
3000
--
--
VDC
Insulation Resistance
Input-output, Isolation voltage 500VDC
1000
--
--
Isolation Capacitance
Input-output, 100KHz/0.1V
--
20
--
pF
Operating Temperature
Derating when operating temperature up to
85℃, (see Fig.2)
-40
--
105
Storage Temperature
-55
--
125
Casing Temperature Rise During
Operating
Ta=25℃
--
25
--
Hand Soldering
Welding spot is 1.5mm away from the casing, 10
seconds
--
--
300


Similar Part No. - E0512D-1WR2

ManufacturerPart #DatasheetDescription
logo
Guangzhou Reicu Electro...
E0512D-1WR2 REICU-E0512D-1WR2 Datasheet
1Mb / 1P
   3000VDC Isolated 1W Double Output SIP/DIP-Package
REV:3.1
More results

Similar Description - E0512D-1WR2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com