Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F0512S-2WR2 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # F0512S-2WR2
Description  DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

F0512S-2WR2 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  F0512S-2WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. F0512S-2WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. F0512S-2WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. F0512S-2WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. F0512S-2WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
E_S-2WR2 & F_S-2WR2
2013.03.12-A/1
Page 1 of5
FEATURES
● Miniature SIP package
● Efficiency up to 89%
● High power density
● 3000VDC isolation
● Operating temperature range:
-40
°C~ +105°C
● No external component required
● Industry standard pinout
APPLICATIONS
The E_S-2WR2 & F_S-2WR2 Series are designed for
application where isolated output is required
from a
distributed power system.
These products apply to where:
1) Input voltage variationrang:
±10%Vin;
2) 3000VDC input and output isolation;
3) Regulated and low ripple noise is not required.
Such as: digital circuits, low frequency analog circuits,
and relay drive circuits.
E_S-2WR2 & F_S-2WR2 Series
2W, FIXED INPUT, ISOLATED & UNREGULATED
DUAL/SINGLE OUTPUT DC-DC CONVERTER
Patent Protected
RoHS
PART NUMBER SYSTEM
E0505S-2WR2
Rated Power
ackage Style
P
O utput Voltage
Input Voltage
r oduct Series
P
SELECTION GUIDE
Model
Input
Voltage(VDC)
Output
Voltage
(VDC)
Output Current (mA)
Input Current
(mA)(typ.)
Reflected
Ripple
Current
(mA,typ.)
Max. Capacitive
Load
(
µF)
Efficiency
(%, typ.)
@Max. Load
Nominal
(Range)
Max.
Min.
@Max.
Load
@No
Load
E0505S-2WR2
5
(4.5-5.5)
±5
±200
±20
476
25
10
100
80
E0512S-2WR2
±12
±83.3
±8.3
476
84
E0515S-2WR2
±15
±66.6
±6.7
476
84
E0524S-2WR2
±24
±41.6
±4.2
476
84
F0505S-2WR2
5
400
40
450
220
89
F0512S-2WR2
12
166.6
16.6
476
84
F0515S-2WR2
15
133.3
13.3
476
84
F0524S-2WR2
24
83.3
8.3
476
84
E1205S-2WR2
12
(10.8-13.2)
±5
±200
±20
198
15
5
100
84
E1212S-2WR2
±12
±83.3
±8.3
196
85
E1215S-2WR2
±15
±66.6
±6.7
198
84
F1205S-2WR2
5
400
40
198
220
84
F1212S-2WR2
12
166.6
16.6
198
84
F1215S-2WR2
15
133.3
13.3
198
84
E1515S-2WR2
15
(13.5-16.5)
±15
±66.6
±6.7
157
10
100
85
E2405S-2WR2
24
(21.6-26.4)
±5
±200
±20
99
8
84
E2412S-2WR2
±12
±83.3
±8.3
99
84
E2415S-2WR2
±15
±66.6
±6.7
99
84
F2405S-2WR2
5
400
40
99
220
84
F2412S-2WR2
12
166.6
16.6
99
84
F2415S-2WR2
15
133.3
13.3
99
84
F2424S-2WR2
24
83.3
8.3
98
85
Note: ① For dual output converter, the given value is the same for each output.


Similar Part No. - F0512S-2WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
F0512S-2WR2 MORNSUN-F0512S-2WR2 Datasheet
319Kb / 5P
   DC/DC Converter
logo
Guangzhou Reicu Electro...
F0512S-2WR2 REICU-F0512S-2WR2 Datasheet
1,006Kb / 1P
   3000VDC Isolated 2W Single Output SIP/DIP-Package
REV:3.1
More results

Similar Description - F0512S-2WR2

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com