Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS57-04A Datasheet(PDF) 2 Page - Fuji Electric

Part # CS57-04A
Description  Fast Recovery High Voltage Silicon Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

CS57-04A Datasheet(HTML) 2 Page - Fuji Electric

  CS57-04A Datasheet HTML 1Page - Fuji Electric CS57-04A Datasheet HTML 2Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Diode Dimensions and Markings
Collmer Semiconductor Inc.
Collmer Semiconductor Inc.
Collmer Semiconductor Inc.
Collmer Semiconductor Inc.
PO Box 702708 DALLAS, TEXAS 75370 PH 972/733-1700 FAX 972/380-2126
e-mail: sales@collmer.com / www.collmer.com
HV4
•••• October, 2000
CS57-04A
CS58-06A
CS54-08A
CS52-10A
CS52-12A
CS52-14A
CS56-24
CS53-16A
CS53-18A
CS53-20A
VRRM
Type
Mark
4kV
6kV
8kV
CS57-04A
CS58-06A
CS54-08A
Cathode mark (White)
VRRM
Type
Mark
10kV
12kV
14kV
CS52-10A
CS52-12A
CS52-14A
18kV
20kV
24kV
CS53-18A
CS53-20A
CS56-24
16kV
CS53-16A
Cathode mark (White)


Similar Part No. - CS57-04A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS571026 ETC-CS571026 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
CS571060 ETC-CS571060 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
CS571075 ETC-CS571075 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
CS571090 ETC-CS571090 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
CS571125 ETC-CS571125 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
More results

Similar Description - CS57-04A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
DD300 SEMTECH-DD300 Datasheet
93Kb / 2P
   FAST RECOVERY HIGH VOLTAGE SILICON RECTIFIERS
logo
Electronic devices inc.
RVF EDI-RVF Datasheet
45Kb / 2P
   FAST RECOVERY - HIGH VOLTAGE HIGH CURRENT SILICON RECTIFIERS
DL1200 EDI-DL1200 Datasheet
37Kb / 2P
   FAST RECOVERY HIGH VOLTAGE 25mA MINIATURE SILICON RECTIFIERS
DR300 EDI-DR300 Datasheet
45Kb / 2P
   FAST RECOVERY HIGH VOLTAGE 25mA MINIATURE SILICON RECTIFIERS
logo
Bytes
R1200F BYTES-R1200F Datasheet
154Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Goodwork Semiconductor ...
R1200F GWSEMI-R1200F Datasheet
68Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Nanjing International G...
R1500F DGNJDZ-R1500F Datasheet
283Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
GR15-G-2 EIC-GR15-G-2 Datasheet
435Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
R3000F LRC-R3000F_15 Datasheet
339Kb / 7P
   HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Jinan Gude Electronic D...
R1200F JGD-R1200F Datasheet
128Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com