Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI3018 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SI3018
Description  GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SI3018 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SI3018 Datasheet HTML 4Page - List of Unclassifed Manufacturers SI3018 Datasheet HTML 5Page - List of Unclassifed Manufacturers SI3018 Datasheet HTML 6Page - List of Unclassifed Manufacturers SI3018 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI3018 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI3018 Datasheet HTML 9Page - List of Unclassifed Manufacturers SI3018 Datasheet HTML 10Page - List of Unclassifed Manufacturers SI3018 Datasheet HTML 11Page - List of Unclassifed Manufacturers SI3018 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 94 page
background image
Si3056
Si3018/19/10
8
Rev. 1.05
Table 4. AC Characteristics
(VD = 3.0 to 3.6 V, TA = 0 to 70 °C; see Figure 17 on page 18)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Sample Rate1
Fs
Fs = FPLL2/5120
7.2
16
kHz
PLL Output Clock Frequency1
FPLL1
FPLL1 =(FMCLK x M)/N
98.304
MHz
Transmit Frequency Response
Low –3 dBFS Corner
0
Hz
Receive Frequency Response
Low –3 dBFS Corner,
FILT = 0
—5
Hz
Receive Frequency Response
Low –3 dBFS Corner,
FILT = 111
—200
Hz
Transmit Full Scale Level2,3
VFS
FULL = 0 (0 dBm)
1.1
VPEAK
FULL = 111(3.2 dBm)
1.58
VPEAK
FULL2 = 1 (6.0 dBm)
2.16
VPEAK
Receive Full Scale Level2,4
VFS
FULL = 0 (0 dBm)
1.1
VPEAK
FULL = 111(3.2 dBm)
1.58
VPEAK
FULL2 = 1 (6.0 dBm)
2.16
VPEAK
Dynamic Range5,6,7
DR
ILIM = 0, DCV = 11, DCR = 0,
IL = 100 mA, MINI = 00
—80
dB
Dynamic Range5,6,7
DR
ILIM = 0, DCV = 00, DCR = 0,
IL =20 mA, MINI =11
—80
dB
Dynamic Range5,6,7
DR
ILIM = 1, DCV = 11, DCR = 0,
IL =50mA, MINI = 00
—80
dB
Transmit Total Harmonic
Distortion8,9
THD
ILIM = 0, DCV = 11, DCR = 0,
IL = 100 mA, MINI = 00
—–72
dB
Transmit Total Harmonic
Distortion8,9
THD
ILIM = 0, DCV = 00, DCR = 0,
IL =20 mA, MINI =11
—–78
dB
Notes:
1. See Figure 26 on page 37.
2. Measured at TIP and RING with 600
Ω termination at 1 kHz, as shown in Figure 1.
3. With FULL = 1, the transmit and receive full scale level of +3.2 dBm can be achieved with a 600
Ω ac termination, while
the transmit and receive level in dBm varies with reference impedance, the DAA will transmit and receive 1 dBV into all
reference impedances in “FULL” mode. With FULL2 = 1, the transmit and receive full scale level of +6.0 dBm can be
achieved with a 600
Ω ac termination. In “FULL2” mode, the DAA will transmit and receive +1.5 dBV into all reference
impedances.
4. Receive full scale level produces –0.9 dBFS at SDO.
5. DR = 20 x log (RMS VFS/RMS VIN).+ 20 x log (RMS VIN/RMS noise). The RMS noise measurement excludes
harmonics. VFS is the 0 dBm full-scale level.
6. Measurement is 300 to 3400 Hz. Applies to both transmit and receive paths. VIN = 1 kHz, –3 dBFS, Fs = 10300 Hz.
7. When using the Si3010 line-side, the typical DR values will be approximately 10 dB lower.
8. THD = 20 x log (RMS distortion/RMS signal). VIN = 1 kHz, –3 dBFS, Fs = 10300 Hz.
9. When using the Si3010 line-side, the typical THD values will be approximately 10 dB higher.
10. DRCID = 20 x log (RMS VCID/RMS VIN) + 20 x log(RMS VIN/RMS noise). VCID is the 6 V full-scale level for the typical
application circuit in Figure 17. With the enhanced CID circuit, the VCID full-scale level is 1.5 V peak, and DRCID
increases to 62 dB.
11. Available on the Si3019 line-side device only.


Similar Part No. - SI3018

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI3018 ALLEGRO-SI3018 Datasheet
171Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
logo
Silicon Laboratories
SI3018 SILABS-SI3018 Datasheet
1Mb / 94P
   GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
SI3018 SILABS-SI3018 Datasheet
1Mb / 112P
   PCM highway data interface law A-law companding SPI control interface GCl interface
Si3018 SILABS-Si3018 Datasheet
3Mb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
logo
Skyworks Solutions Inc.
SI3018 SKYWORKS-SI3018 Datasheet
1Mb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
Rev. 1.5 August 24, 2021
More results

Similar Description - SI3018

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3056 SILABS-SI3056 Datasheet
1Mb / 94P
   GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
SI3016 SILABS-SI3016 Datasheet
972Kb / 50P
   3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
logo
List of Unclassifed Man...
SI3016 ETC-SI3016 Datasheet
940Kb / 48P
   3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
logo
Silicon Laboratories
SI3068 SILABS-SI3068 Datasheet
723Kb / 40P
   FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
SI3066 SILABS-SI3066 Datasheet
721Kb / 40P
   V.32 FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
logo
List of Unclassifed Man...
SI3035 ETC-SI3035 Datasheet
1Mb / 54P
   3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
logo
Mitel Networks Corporat...
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
   Data Access Arrangement
MH88437-P MITEL-MH88437-P Datasheet
96Kb / 16P
   Data Access Arrangement Advance Information
logo
Clare, Inc.
CPC5604 CLARE-CPC5604 Datasheet
368Kb / 33P
   Optical Data Access Arrangement I.C.
logo
Mitel Networks Corporat...
MH88435-P MITEL-MH88435-P Datasheet
71Kb / 16P
   Data Access Arrangement Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com