Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PR1003G-T Datasheet(PDF) 1 Page - Diodes Incorporated

Part No. PR1003G-T
Description  1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PR1003G-T Datasheet(HTML) 1 Page - Diodes Incorporated

  PR1003G-T Datasheet HTML 1Page - Diodes Incorporated PR1003G-T Datasheet HTML 2Page - Diodes Incorporated PR1003G-T Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS27001 Rev. 9 - 2
1 of 3
www.diodes.com
PR1001G - PR1007G
© Diodes Incorporated
PR1001G - PR1007G
1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
Features
Glass Passivated Die Construction
Fast Switching for High Efficiency
Surge Overload Rating to 30A Peak
Low Reverse Leakage Current
Lead Free Finish, RoHS Compliant (Note 4)
Mechanical Data
Case: DO-41 Plastic
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020D
Terminals: Finish - Tin. Plated Leads Solderable per MIL-STD-202,
Method 208
Polarity: Cathode Band
Marking: Type Number
Ordering Information: See Page 3
Weight: 0.35 grams (approximate)
Dim
DO-41 Plastic
Min
Max
A
25.40
B
4.06
5.21
C
0.71
0.864
D
2.00
2.72
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
@TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
PR1001
G
PR1002
G
PR1003
G
PR1004
G
PR1005
G
PR1006
G
PR1007
G
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage (Note 5)
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current (Note 1) @ TA = 55°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
30
A
Forward Voltage Drop @ IF = 1.0A
VFM
1.3
V
Peak Reverse Current @ TA = 25°C
at Rated DC Blocking Voltage (Note 5) @ TA = 100°C
IRM
5.0
50
μA
Reverse Recovery Time (Note 3)
trr
150
250
500
ns
Typical Total Capacitance (Note 2)
CT
15
8
pF
Typical Thermal Resistance Junction to Ambient
RθJA
95
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Notes:
1. Valid provided that leads are maintained at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5.
4. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex Notes.
5. Short duration pulse test used to minimize self-heating effect.
Please click here to visit our online spice models database.


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn