Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ1R36 Datasheet(PDF) 4 Page - Sharp Corporation

Part # PQ1R36
Description  Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ1R36 Datasheet(HTML) 4 Page - Sharp Corporation

  PQ1R36 Datasheet HTML 1Page - Sharp Corporation PQ1R36 Datasheet HTML 2Page - Sharp Corporation PQ1R36 Datasheet HTML 3Page - Sharp Corporation PQ1R36 Datasheet HTML 4Page - Sharp Corporation PQ1R36 Datasheet HTML 5Page - Sharp Corporation PQ1R36 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Low Power-Loss Voltage Regulators
PQ1R30 Series
Fig.10 Ripple Rejection vs. Input Ripple
Frequency
Fig. 9 Quiescent Current vs. Junction
Temperature
Fig.12 Output Peak Current vs. Junction
Temperature
Fig.11 Dropout Voltage vs. Output Current
Fig. 8 Dropout Voltage vs. Junction
Temperature (PQ1R30) (Typical Value)
Fig. 7 Circuit Operating Current vs. Input
Voltage (PQ1R30) (Typical Value)
CIN=1
µF
CO=10
µF
10.0
5.0
4.0
7.0
9.0
8.0
6.0
2.0
3.0
1.0
0
Input voltage VIN (V)
0
5.0
10.0
15.0
RL=
RL=20
RL=40
0.4
0.35
0.25
0.15
0.05
0.2
0.3
0.1
0
Junction temperature Tj (˚C)
–40
80
120
100
40
0
–20
20
60
140
VIN : Voltage when output voltage is 95%
Vi-o(2) : Io=150mA
Vi-o(1) : Io=60mA
250
200
100
50
150
0
Junction temperature Tj (˚C)
–40
80
120
100
40
0
–20
20
60
140
VIN=Vo(TYP)+1.0V,
Vc=1.8V, Io=0A
Ta=25˚C, VIN=4.0V,
Io=10mA (300
Ω), Co=10µF
0
0.1
10
1
100
10
20
30
40
50
60
70
80
Input ripple frequency f (kHz)
Cn : No
Cn=0.1
µF
0.3
0.25
0.15
0.2
0.1
Junction temperature Tj (˚C)
–40
80
120
100
40
0
–20
20
60
140
VIN : Vo(TYP)+1.0V, Vc=1.8V, Iop :
Output current when output voltage lowers
0.3V in comparison with the value at Io=30mA
300
250
150
50
100
200
0
Output current Io (mA)
0
120 140
80
40
20
60
100
160
Ta=25˚C, VC=1.8V, VIN : Voltage when
output voltage is 95%.


Similar Part No. - PQ1R36

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1R36 SHARP-PQ1R36 Datasheet
74Kb / 6P
   Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
More results

Similar Description - PQ1R36

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1XXX1M2ZPH SHARP-PQ1XXX1M2ZPH Datasheet
161Kb / 4P
   Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1KXX3M2ZP SHARP-PQ1KXX3M2ZP Datasheet
57Kb / 5P
   Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1R30 SHARP-PQ1R30_02 Datasheet
74Kb / 6P
   Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1LXX3M2SP SHARP-PQ1LXX3M2SP Datasheet
73Kb / 5P
   Compact Surface Mount Type, Low Output Current, Low Power-Loss Voltage Regulators
PQ1UXX1M2ZPH SHARP-PQ1UXX1M2ZPH Datasheet
202Kb / 4P
   Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ7VZ5 SHARP-PQ7VZ5 Datasheet
43Kb / 5P
   Variable Output, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1LA153MSPQ SHARP-PQ1LA153MSPQ Datasheet
133Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ200WNA1ZPH SHARP-PQ200WNA1ZPH Datasheet
146Kb / 5P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1KAXX3MZPH SHARP-PQ1KAXX3MZPH Datasheet
138Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ200WN3MZPH SHARP-PQ200WN3MZPH Datasheet
152Kb / 6P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com