Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMDPB70XPE Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PMDPB70XPE
Description  20 V dual P-channel Trench MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMDPB70XPE Datasheet(HTML) 1 Page - NXP Semiconductors

  PMDPB70XPE Datasheet HTML 1Page - NXP Semiconductors PMDPB70XPE Datasheet HTML 2Page - NXP Semiconductors PMDPB70XPE Datasheet HTML 3Page - NXP Semiconductors PMDPB70XPE Datasheet HTML 4Page - NXP Semiconductors PMDPB70XPE Datasheet HTML 5Page - NXP Semiconductors PMDPB70XPE Datasheet HTML 6Page - NXP Semiconductors PMDPB70XPE Datasheet HTML 7Page - NXP Semiconductors PMDPB70XPE Datasheet HTML 8Page - NXP Semiconductors PMDPB70XPE Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
Product profile
1.1 General description
Dual small-signal P-channel enhancement mode Field-Effect Transistor (FET) in a
leadless medium power DFN2020-6 (SOT1118) Surface-Mounted Device (SMD) plastic
package using Trench MOSFET technology.
1.2 Features and benefits
Very fast switching
Trench MOSFET technology
2 kV ElectroStatic Discharge (ESD)
protection
1.3 Applications
Relay driver
High-speed line driver
High-side load switch
Switching circuits
1.4 Quick reference data
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated, mounting pad for drain 6 cm2.
PMDPB70XPE
20 V dual P-channel Trench MOSFET
Rev. 1 — 20 June 2012
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
VDS
drain-source voltage
Tj = 25 °C
---20
V
VGS
gate-source voltage
-12
-
12
V
ID
drain current
VGS =-4.5V; Tamb =25°C; t ≤ 5 s
[1]
---4.2
A
Static characteristics (per transistor)
RDSon
drain-source on-state
resistance
VGS =-4.5V; ID =-2 A; Tj = 25 °C
-
66
79
m


Similar Part No. - PMDPB70XPE

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMDPB70XPE NEXPERIA-PMDPB70XPE Datasheet
1Mb / 15P
   20 V dual P-channel Trench MOSFET
Rev. 1 - 20 June 2012
logo
NXP Semiconductors
PMDPB70XPE PHILIPS-PMDPB70XPE_15 Datasheet
822Kb / 15P
   20 V dual P-channel Trench MOSFET
Rev. 1-20 June 2012
More results

Similar Description - PMDPB70XPE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMDXB950UPE NXP-PMDXB950UPE Datasheet
262Kb / 15P
   20 V, dual P-channel Trench MOSFET
10 September 2013
PMDPB58UPE NXP-PMDPB58UPE Datasheet
880Kb / 15P
   20 V dual P-channel Trench MOSFET
Rev. 1-19 June 2012
PMDPB80XP PHILIPS-PMDPB80XP_15 Datasheet
899Kb / 15P
   20 V, dual P-channel Trench MOSFET
Rev. 1-30 May 2012
logo
Nexperia B.V. All right...
PMDXB950UPEL NEXPERIA-PMDXB950UPEL Datasheet
739Kb / 16P
   20 V, dual P-channel Trench MOSFET
PMDPB58UPE NEXPERIA-PMDPB58UPE Datasheet
707Kb / 14P
   20 V dual P-channel Trench MOSFET
3 February 2016
logo
NXP Semiconductors
PMDPB55XP PHILIPS-PMDPB55XP_15 Datasheet
884Kb / 15P
   20 V, dual P-channel Trench MOSFET
Rev. 3-4 June 2012
PMDPB58UPE PHILIPS-PMDPB58UPE_15 Datasheet
880Kb / 15P
   20 V dual P-channel Trench MOSFET
Rev. 1-19 June 2012
logo
Nexperia B.V. All right...
PMDPB80XP NEXPERIA-PMDPB80XP Datasheet
1Mb / 15P
   20 V, dual P-channel Trench MOSFET
PMDPB85UPE NEXPERIA-PMDPB85UPE Datasheet
1Mb / 15P
   20 V dual P-channel Trench MOSFET
Rev. 1 - 20 June 2012
PMDXB950UPE NEXPERIA-PMDXB950UPE Datasheet
732Kb / 15P
   20 V, dual P-channel Trench MOSFET
30 June 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com