Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12DC105 Datasheet(PDF) 5 Page - Texas Instruments

Part # ADC12DC105
Description  Dual 12-Bit, 105 MSPS A/D Converter with CMOS Outputs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DC105 Datasheet(HTML) 5 Page - Texas Instruments

  ADC12DC105_14 Datasheet HTML 1Page - Texas Instruments ADC12DC105_14 Datasheet HTML 2Page - Texas Instruments ADC12DC105_14 Datasheet HTML 3Page - Texas Instruments ADC12DC105_14 Datasheet HTML 4Page - Texas Instruments ADC12DC105_14 Datasheet HTML 5Page - Texas Instruments ADC12DC105_14 Datasheet HTML 6Page - Texas Instruments ADC12DC105_14 Datasheet HTML 7Page - Texas Instruments ADC12DC105_14 Datasheet HTML 8Page - Texas Instruments ADC12DC105_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
VA
AGND
To Internal Circuitry
I/O
ADC12DC105
www.ti.com
SNAS469A – SEPTEMBER 2008 – REVISED OCTOBER 2008
Operating Ratings
(1) (2)
Operating Temperature
−40°C ≤ TA ≤ +85°C
Supply Voltage (VA)
+2.7V to +3.6V
Output Driver Supply (VDR)
+2.4V to VA
(DCS Enabled)
30/70 %
Clock Duty Cycle
(DCS Disabled)
45/55 %
VCM
1.4V to 1.6V
|AGND-DRGND|
≤100mV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is guaranteed to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test
conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance
characteristics may degrade when the device is not operated under the listed test conditions. Operation of the device beyond the
maximum Operating Ratings is not recommended.
(2)
All voltages are measured with respect to GND = AGND = DRGND = 0V, unless otherwise specified.
Converter Electrical Characteristics
Unless otherwise specified, the following specifications apply: AGND = DRGND = 0V, VA = +3.3V, VDR = +2.5V, Internal VREF
= +1.2V, fCLK = 105 MHz, VCM = VCMO, CL = 5 pF/pin. Typical values are for TA = 25°C. Boldface limits apply for TMIN ≤ TA
TMAX. All other limits apply for TA = 25°C
(1) (2) (3)
Units
Parameter
Test Conditions
Typical(4)
Limits
(Limits)
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
12
Bits (min)
1.1
LSB (max)
INL
Integral Non Linearity(5)
±0.5
-1.1
LSB (min)
0.55
LSB (max)
DNL
Differential Non Linearity
±0.2
-0.55
LSB (min)
PGE
Positive Gain Error
-0.1
±1
%FS (max)
NGE
Negative Gain Error
0.18
±1
%FS (max)
TC PGE
Positive Gain Error Tempco
−40°C ≤ TA ≤ +85°C
-3
ppm/°C
TC NGE
Negative Gain Error Tempco
−40°C ≤ TA ≤ +85°C
-7
ppm/°C
VOFF
Offset Error
0.01
±0.55
%FS (max)
TC VOFF
Offset Error Tempco
−40°C ≤ TA ≤ +85°C
-4
ppm/°C
Under Range Output Code
0
0
Over Range Output Code
4095
4095
(1)
The inputs are protected as shown below. Input voltage magnitudes above VA or below GND will not damage this device, provided
current is limited. However, errors in the A/D conversion can occur if the input goes above 2.6V or below GND as described in the
Operating Ratings section.
(2)
With a full scale differential input of 2VP-P , the 12-bit LSB is 488 µV.
(3)
When the input voltage at any pin exceeds the power supplies (that is, VIN < AGND, or VIN > VA), the current at that pin should be
limited to ±5 mA. The ±50 mA maximum package input current rating limits the number of pins that can safely exceed the power
supplies with an input current of ±5 mA to 10.
(4)
Typical figures are at TA = 25°C and represent most likely parametric norms at the time of product characterization. The typical
specifications are not guaranteed.
(5)
Integral Non Linearity is defined as the deviation of the analog value, expressed in LSBs, from the straight line that passes through
positive and negative full-scale.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADC12DC105


Similar Part No. - ADC12DC105_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12DC105 TI1-ADC12DC105_15 Datasheet
1Mb / 26P
[Old version datasheet]   105 MSPS A/D Converter
More results

Similar Description - ADC12DC105_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12DC080 NSC-ADC12DC080 Datasheet
343Kb / 14P
   Dual 12-Bit, 80/105 MSPS A/D Converter with CMOS Outputs
logo
Texas Instruments
ADC12DC105 TI1-ADC12DC105 Datasheet
390Kb / 22P
[Old version datasheet]   ADC12DC105 Dual 12-Bit, 105 MSPS A/D Converter with CMOS Outputs
logo
National Semiconductor ...
ADC12DS105 NSC-ADC12DS105_08 Datasheet
499Kb / 26P
   Dual 12-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
ADC14DC080 NSC-ADC14DC080 Datasheet
342Kb / 14P
   Dual 14-Bit, 80/105 MSPS A/D Converter with CMOS Outputs
logo
Texas Instruments
ADC12DC080 TI1-ADC12DC080_14 Datasheet
1Mb / 27P
[Old version datasheet]   Dual 12-Bit, 80 MSPS A/D Converter with CMOS Outputs
logo
Analog Devices
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
504Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
AD9432 AD-AD9432 Datasheet
498Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
REV. E
logo
National Semiconductor ...
ADC11DS105 NSC-ADC11DS105 Datasheet
494Kb / 24P
   Dual 11-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
ADC14DS105_0712 NSC-ADC14DS105_0712 Datasheet
597Kb / 28P
   Dual 14-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
logo
Texas Instruments
ADC11DS105 TI1-ADC11DS105 Datasheet
969Kb / 33P
[Old version datasheet]   Dual 11-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com