Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLT532 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # PLT532
Description  Photo-link Light Transmitter Unit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PLT532 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  PLT532 Datasheet HTML 1Page - Everlight Electronics Co., Ltd PLT532 Datasheet HTML 2Page - Everlight Electronics Co., Ltd PLT532 Datasheet HTML 3Page - Everlight Electronics Co., Ltd PLT532 Datasheet HTML 4Page - Everlight Electronics Co., Ltd PLT532 Datasheet HTML 5Page - Everlight Electronics Co., Ltd PLT532 Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 1
Page: 1 of 6
Device NO.: DPL-532-001
Prepared date: 7-20-2005
Prepared By: Chin-Chia Hsu
Technical Data Sheet
Photo-link Light Transmitter Unit
PLT532
Features
High speed signal transmission
50Mbps NRZ Signal
TTL interface compatible
+3~+5V single power source
Pb Free
The product itself will remain within RoHS compliant version.
Descriptions
The opto-electrical component is assembled with
a 660nm GaAs RCLED and a driver IC. It
transforms the electrical signal to optical signal and
be transmitted by 1mm diameter plastic optical
fiber.
The component is operated at +3~+5V and has
good performance at low dissipation current, steady
light output and efficient light coupling.
Applications
Digital audio equipment
CD player
DVD player
HDMI Digital (192kHz) Audio Interface
Below 50Mbps Transfer Signal Market
Device Selection Guide
Chip
Dissipation
Current(mA)
Fiber Coupling Light Output
(dBm)
Material
p(nm)
Operating
Voltage
(Vcc)
Typ.
Max.
Min.
Typ.
Max.
GaAs
660
+3.0~5.0
8
10
-21
---
-15


Similar Part No. - PLT532

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
PLT5-510 OSRAM-PLT5-510 Datasheet
252Kb / 7P
   Green Laser Diode in TO56 Package
PLT5-520 OSRAM-PLT5-520 Datasheet
396Kb / 10P
   Green Laser Diode in TO56 Package
PLT5-522FA_P OSRAM-PLT5-522FA_P Datasheet
1Mb / 14P
   Metal Can® TO56
Version a.1 2022-09-15
PLT5-522FA_P-M12 OSRAM-PLT5-522FA_P-M12 Datasheet
1Mb / 14P
   Metal Can® TO56
Version a.1 2022-09-15
PLT5450B OSRAM-PLT5450B Datasheet
369Kb / 9P
   Blue Laser Diode in TO56 Package
More results

Similar Description - PLT532

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PLT132 EVERLIGHT-PLT132_05 Datasheet
181Kb / 5P
   Photo-link Light Transmitter Unit
EAPLTBA4 EVERLIGHT-EAPLTBA4 Datasheet
356Kb / 5P
   Photo-link Light Transmitter Unit
EAPLTAA7 EVERLIGHT-EAPLTAA7 Datasheet
271Kb / 5P
   Photo-link Light Transmitter Unit
EAPLTAA0 EVERLIGHT-EAPLTAA0 Datasheet
449Kb / 6P
   Photo-link Light Transmitter Unit
EAPLTAA6 EVERLIGHT-EAPLTAA6 Datasheet
508Kb / 5P
   Photo-link Light Transmitter Unit
PLT232-L5 EVERLIGHT-PLT232-L5 Datasheet
101Kb / 7P
   Photo-link Light Transmitter Unit
PLT132 EVERLIGHT-PLT132 Datasheet
167Kb / 5P
   Photo-link Light Transmitter Unit
PLT133 EVERLIGHT-PLT133 Datasheet
171Kb / 7P
   Technical Data Sheet Photo-link Light Transmitter Unit
PLR233 EVERLIGHT-PLR233 Datasheet
151Kb / 8P
   Photo link Light Receiver Unit
logo
List of Unclassifed Man...
PLR132 ETC-PLR132 Datasheet
130Kb / 7P
   Photo-link Light Receiver Unit
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com