Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF2148B Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # SF2148B
Description  138.24 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SF2148B Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  SF2148B Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SF2148B Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SF2148B Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SF2148B Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SF2148B Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.RFM.com E-mail: info@rfm.com
Page 2 of 5
©2008 by RF Monolithics, Inc.
SF2148B - 7/9/09
SF2148B Broadband Response
SF2148B Passband Response
C H 1
S 2 1
L O G
2 0 d B /
R E F - 6 0 d B
C E N T E R
1 3 8
. 2 4 0
0 0 0
M H z
S P A N
1 0 0
. 0 0 0
0 0 0
M H z
C o r
H l d
1
2
3
4
1 : 0 . 0 0 0 0
d B
0 . 0 0 0
0 0 0
M H z
R E F = 1
C H 1
M a r k e r s
B W :
2 3 . 1 0 9 6 0 1
M H z
c e n t
:
1 3 7
. 8 5 2 6 7 3
M H z
Q : 5 . 9 6 5 2
1 _ l o s s
: - 9
. 0 2 9 8
d B
R e s p
C H 1
S 2 1
L O G
1 0 d B /
R E F - 1 6 . 7 d B
S T A R T
. 0 3 0
0 0 0
M H z
S T O P
3 0 0
. 0 0 0
0 0 0
M H z
C o r
H l d
1
1 : - 9
. 0 8 8 2
d B
1 3 3
. 1 4 1
6 8 8
M H z
M a x
R e s p


Similar Part No. - SF2148B

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2148B RFM-SF2148B Datasheet
517Kb / 5P
   Designed for TD-SCDMA Applications
More results

Similar Description - SF2148B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
253059B ITF-253059B Datasheet
171Kb / 2P
   138.24 MHz SAW Filter
logo
Oscilent Corporation
813-SL138.24M-20A OSCILENT-813-SL138.24M-20A Datasheet
219Kb / 6P
   138.24 MHz IF SAW Filter 21.95 MHz Bandwidth
logo
Transko Electronics, In...
TL13820AV TRANSKO-TL13820AV Datasheet
538Kb / 4P
   138.24 MHz IF SAW Filter / 21.95 MHz Bandwidth
Revision 0: 28 Nov. 2008
TL13820BS TRANSKO-TL13820BS Datasheet
563Kb / 4P
   138.24 MHz IF SAW Filter / 22.46 MHz Bandwidth
Revision 0: 02 Dec. 2008
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com