Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PKE12 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PKE12
Description  Single unit/Complete unit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PKE12 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PKE12 Datasheet HTML 1Page - List of Unclassifed Manufacturers PKE12 Datasheet HTML 2Page - List of Unclassifed Manufacturers PKE12 Datasheet HTML 3Page - List of Unclassifed Manufacturers PKE12 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
06/25/2012
HPL-ED2012 V1.1 EN
2 / 4
Main cable
 
Nm
1.7
Control circuit cables
 
Nm
1
Main￿conducting￿paths
Rated impulse withstand voltage
Uimp
V
AC
6000
Overvoltage category/pollution degree
 
 
III/3
Rated operational voltage
Ue
V
AC
690
Rated uninterrupted current = rated operational current
Iu = Ie
A
32
Rated frequency
f
Hz
40 - 60
Lifespan, mechanical
Operations
x
106
0.05
Lifespan, electrical (AC-3 at 400 V)
Operations
x
106
0.05
Maximum operating frequency
 
Ops./
h
 
Max. operating frequency
 
Ops/
h
60
Motor switching capacity
 
kArms
 
AC-3 (up to 690 V)
 
A
32
Trip￿blocks
Temperature compensation
 
°C
-5 – 40 (to IEC/EN 60947, VDE 0660)
-25 – 55 (operating range)
Temperature compensation residual error for T > 40 °C
 
 
0.1%/K
Setting range of overload releases
 
 
0.25 - 1 x Iu
Fixed short-circuit release
 
 
Basic device 14 x Iu
Short-circuit release tolerance
 
 
± 20%
Phase-failure sensitivity
 
 
yes
Technical￿data￿ETIM￿4.0
Rated operation power at AC-3, 400 V
 
kWh
0
With integrated auxiliary switch
 
 
No
Rated permanent current Iu
 
A
32
With integrated under voltage release
 
 
No
Number of poles
 
 
3
Degree of protection (IP)
 
 
IP20
Connection type main current circuit
 
 
Screw connection
Characteristics


Similar Part No. - PKE12

ManufacturerPart #DatasheetDescription
logo
NIKO SEMICONDUCTOR CO.,...
PKE10BB NIKOSEM-PKE10BB Datasheet
328Kb / 6P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Wuxi U-NIKC Semiconduct...
PKE10BB UNIKC-PKE10BB Datasheet
1Mb / 9P
   N-Channel Enhancement Mode MOSFET
logo
StarHope
PKE170AB SPSEMI-PKE170AB Datasheet
253Kb / 2P
   Glass passiated junction
PKE170CB SPSEMI-PKE170CB Datasheet
253Kb / 2P
   Glass passiated junction
PKE190AB SPSEMI-PKE190AB Datasheet
253Kb / 2P
   Glass passiated junction
More results

Similar Description - PKE12

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
3SB3201-2KA11 SIEMENS-3SB3201-2KA11 Datasheet
163Kb / 4P
   22MM PLASTIC ROUND COMPLETE UNIT
07/27/2012
logo
List of Unclassifed Man...
EAGE240-7KCV24 ETC2-EAGE240-7KCV24 Datasheet
1Mb / 16P
   COMPLETE UNIT WITH 3 FONTS AND INTELLIGENT CONTROLLER
logo
Everlight Electronics C...
IRM-8410 EVERLIGHT-IRM-8410 Datasheet
205Kb / 9P
   Single unit type module
logo
PHOENIX CONTACT
5145546 PHOENIX-5145546 Datasheet
105Kb / 7P
   Engraving unit - P1 ENGRAVING UNIT
09/12/2020
logo
ALPS ELECTRIC CO.,LTD.
RK09L ALPS-RK09L_15 Datasheet
972Kb / 6P
   Single-unit and dual-unit types suit a variety of controls
logo
Gamewell-FCI by Honeywe...
RDU GAMEWELL-FCI-RDU Datasheet
83Kb / 1P
   Releasing Device Unit/Abort Timer Unit
logo
Ultralife Corporation.
UCH0036 ULTRALIFE-UCH0036 Datasheet
548Kb / 1P
   Convenient wall socket single unit charger
Rev A
UCH0039 ULTRALIFE-UCH0039 Datasheet
556Kb / 1P
   Convenient wall socket single unit charger
Rev A
logo
Exar Corporation
XRT59L91 EXAR-XRT59L91 Datasheet
292Kb / 28P
   Single-Chip E1 Line Interface Unit
logo
Hitachi Semiconductor
HD40L4808 HITACHI-HD40L4808 Datasheet
81Kb / 1P
   4-BIT SINGLE CHIP MICROCOMPUTER UNIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com