Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6207PD013TR Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6207PD013TR
Description  DMOS dual full bridge driver with PWM current controller
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6207PD013TR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6207PD013TR Datasheet HTML 4Page - STMicroelectronics L6207PD013TR Datasheet HTML 5Page - STMicroelectronics L6207PD013TR Datasheet HTML 6Page - STMicroelectronics L6207PD013TR Datasheet HTML 7Page - STMicroelectronics L6207PD013TR Datasheet HTML 8Page - STMicroelectronics L6207PD013TR Datasheet HTML 9Page - STMicroelectronics L6207PD013TR Datasheet HTML 10Page - STMicroelectronics L6207PD013TR Datasheet HTML 11Page - STMicroelectronics L6207PD013TR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Electrical characteristics
L6207
8/33
DocID7513 Rev 2
4
Electrical characteristics
Table 5. Electrical characteristics
(Tamb = 25 °C, Vs = 48 V, unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit
VSth(ON) Turn-on threshold
6.6
7
7.4
V
VSth(OFF) Turn-off threshold
5.6
6
6.4
V
IS
Quiescent supply current
All bridges OFF;
Tj = -25 °C to 125 °C(1)
510
mA
Tj(OFF)
Thermal shutdown temperature
165
C
Output DMOS transistors
RDS(ON)
High-side switch ON resistance
Tj = 25 °C
0.34
0.4
W
Tj = 125 °C(1)
0.53
0.59
W
Low-side switch ON resistance
Tj = 25 °C
0.28
0.34
W
Tj = 125 °C(1)
0.47
0.53
W
IDSS
Leakage current
EN = low; OUT = VS
2mA
EN = low; OUT = GND
-0.15
mA
Source drain diodes
VSD
Forward ON voltage
ISD = 2.8 A, EN = LOW
1.15
1.3
V
trr
Reverse recovery time
If = 2.8 A
300
ns
tfr
Forward recovery time
200
ns
Logic input
VIL
Low level logic input voltage
-0.3
0.8
V
VIH
High level logic input voltage
2
7
V
IIL
Low level logic input current
GND logic input voltage
-10
µA
IIH
High level logic input current
7 V logic input voltage
10
µA
Vth(ON)
Turn-on input threshold
1.8
2.0
V
Vth(OFF) Turn-off input threshold
0.8
1.3
V
Vth(HYS) Input threshold hysteresis
0.25
0.5
V
Switching characteristics
tD(on)EN
Enable to out turn ON delay time(2)
ILOAD = 2.8 A, resistive load
100
250
400
ns
tD(on)IN
Input to out turn ON delay time
ILOAD = 2.8 A, resistive load
(deadtime included)
1.6
µs
tRISE
Output rise time(2)
ILOAD = 2.8 A, resistive load
40
250
ns
tD(off)EN
Enable to out turn OFF delay time(2)
ILOAD = 2.8 A, resistive load
300
550
800
ns
tD(off)IN
Input to out turn OFF delay time
ILOAD = 2.8 A, resistive load
600
ns


Similar Part No. - L6207PD013TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6207PD STMICROELECTRONICS-L6207PD Datasheet
387Kb / 23P
   DMOS DUAL FULL BRIDGE DRIVER WITH PWM CURRENT CONTROLLER
More results

Similar Description - L6207PD013TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6227Q STMICROELECTRONICS-L6227Q_09 Datasheet
389Kb / 27P
   DMOS dual full bridge driver with PWM current controller
L6227 STMICROELECTRONICS-L6227 Datasheet
380Kb / 22P
   DMOS DUAL FULL BRIDGE DRIVER WITH PWM CURRENT CONTROLLER
L6227Q STMICROELECTRONICS-L6227Q Datasheet
437Kb / 27P
   DMOS dual full bridge driver with PWM current controller
L6207 STMICROELECTRONICS-L6207 Datasheet
387Kb / 23P
   DMOS DUAL FULL BRIDGE DRIVER WITH PWM CURRENT CONTROLLER
logo
Allegro MicroSystems
A4954 ALLEGRO-A4954 Datasheet
248Kb / 9P
   Dual Full-Bridge DMOS PWM Motor Driver
3965 ALLEGRO-3965 Datasheet
186Kb / 7P
   DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
12/4/2002
A4954 ALLEGRO-A4954_16 Datasheet
247Kb / 9P
   Dual Full-Bridge DMOS PWM Motor Driver
A5995 ALLEGRO-A5995 Datasheet
715Kb / 12P
   DMOS Dual Full-Bridge PWM Motor Driver
3974 ALLEGRO-3974 Datasheet
178Kb / 12P
   DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
3974 ALLEGRO-3974_1 Datasheet
617Kb / 12P
   DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com