Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JAW075F1 Datasheet(PDF) 6 Page - Lineage Power Corporation

Part # JAW075F1
Description  Distributed power architectures
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

JAW075F1 Datasheet(HTML) 6 Page - Lineage Power Corporation

Back Button JAW075F1 Datasheet HTML 2Page - Lineage Power Corporation JAW075F1 Datasheet HTML 3Page - Lineage Power Corporation JAW075F1 Datasheet HTML 4Page - Lineage Power Corporation JAW075F1 Datasheet HTML 5Page - Lineage Power Corporation JAW075F1 Datasheet HTML 6Page - Lineage Power Corporation JAW075F1 Datasheet HTML 7Page - Lineage Power Corporation JAW075F1 Datasheet HTML 8Page - Lineage Power Corporation JAW075F1 Datasheet HTML 9Page - Lineage Power Corporation JAW075F1 Datasheet HTML 10Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Lineage Power
Data Sheet
April 2008
36 Vdc to 75 Vdc Input, 3.3 Vdc Output; 33 W to 50 W
JAW050F and JAW075F Power Modules; dc-dc Converters:
Characteristic Curves (continued)
8-3342 (F)
Note: See Figure 12 for test conditions.
Figure 5. Typical JAW050F and JAW075F Output
Ripple Voltage at Room Temperature
8-3343 (F)
Note: Tested without any load capacitance.
Figure 6. Typical JAW050F Transient Response to
Step Increase in Load from 50% to 75% of
Full Load at Room Temperature and
48 Vdc Input (Waveform Averaged to
Eliminate Ripple Component.)
8-3344 (F)
Note: Tested without any load capacitance.
Figure 7. Typical JAW075F Transient Response to
Step Increase in Load from 50% to 75% of
Full Load at Room Temperature and
48 Vdc Input (Waveform Averaged to
Eliminate Ripple Component.)
8-3345 (F)
Note: Tested without any load capacitance.
Figure 8. Typical JAW050F Transient Response to
Step Decrease in Load from 50% to 25%
of Full Load at Room Temperature and
48 Vdc Input (Waveform Averaged to
Eliminate Ripple Component.)
TIME, t (2
μs/div)
VI = 36 V
VI = 48 V
VI = 75 V
TIME, t (100
μs/div)
TIME, t (200
μs/div)
7.5 A
TIME, t (100
μs/div)
2.5 A


Similar Part No. - JAW075F1

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
JAW075A LINEAGEPOWER-JAW075A Datasheet
435Kb / 16P
   JAW050A and JAW075A Power Modules; dc-dc Converters 36 Vdc to 75 Vdc Input, 5 Vdc Output; 50 W to 75 W
More results

Similar Description - JAW075F1

ManufacturerPart #DatasheetDescription
logo
Power-One
QLS20ZG POWER-ONE-QLS20ZG Datasheet
217Kb / 8P
   Distributed power architectures
logo
Lineage Power Corporati...
JC050C1 LINEAGEPOWER-JC050C1 Datasheet
458Kb / 16P
   Distributed power architectures
logo
Bel Fuse Inc.
SRBH-06H1A0 BEL-SRBH-06H1A0 Datasheet
1Mb / 10P
   Distributed Power Architectures
logo
Fairchild Semiconductor
FDMS9409_F085 FAIRCHILD-FDMS9409_F085 Datasheet
419Kb / 6P
   Distributed Power Architectures and VRM
FDMS9410_F085 FAIRCHILD-FDMS9410_F085 Datasheet
429Kb / 6P
   Distributed Power Architectures and VRM
logo
Lineage Power Corporati...
ACE184 LINEAGEPOWER-ACE184 Datasheet
230Kb / 6P
   12Vdc distributed power architectures Mid-End Blade Network Equipment
logo
Power Integrations, Inc...
DPA424 POWERINT-DPA424 Datasheet
290Kb / 36P
   Highly Integrated DC-DC Converter ICs for Distributed Power Architectures
logo
Artesyn Technologies
DPF950 ARTESYN-DPF950 Datasheet
63Kb / 2P
   Dual output 950 Watt AC/DC PFC front-end for distributed power architectures
DPF1500 ARTESYN-DPF1500 Datasheet
79Kb / 2P
   Single output 1500 Watt AC/DC PFC front-end for distributed power architectures
DFP1000 ARTESYN-DFP1000 Datasheet
267Kb / 4P
   Dual output 1000 Watt AC/DC PFC front-end for distributed power architectures
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com