Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BJ5F-71GF-M6.5 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # BJ5F-71GF-M6.5
Description  11.0mm pitch/Disconnectable Crimp style Wire-to-wire connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BJ5F-71GF-M6.5 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  BJ5F-71GF-M6.5 Datasheet HTML 1Page - List of Unclassifed Manufacturers BJ5F-71GF-M6.5 Datasheet HTML 2Page - List of Unclassifed Manufacturers BJ5F-71GF-M6.5 Datasheet HTML 3Page - List of Unclassifed Manufacturers BJ5F-71GF-M6.5 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
J5000 SERIES/J5200
Circuits Keying
Model No.
D
B
Dimensions (mm)
C
X
Y
X
Y
XX
YY
XY
XX
YY
XY
XX
YY
XY
2
3
4
6
10
J5FS-02V-KX
J5FS-02V-KY
J5FS-03V-KX
J5FS-03V-KY
J5FM-04V-KXX
J5FM-04V-KYY
J5FM-04V-KXY
J5FM-06V-KXX
J5FM-06V-KYY
J5FM-06V-KXY
J5FM-10V-KXX
J5FM-10V-KYY
J5FM-10V-KXY
11.5
11.5
11.5
11.5
26.0
26.0
26.0
26.0
26.0
26.0
26.0
26.0
26.0
E
14.1
14.1
14.1
14.1
28.6
28.6
28.6
28.6
28.6
28.6
28.6
28.6
28.6
Q’ty / box
50(bag)
50(bag)
50(bag)
50(bag)
180
180
180
126
126
126
27.2
27.2
38.2
38.2
27.2
27.2
27.2
38.2
38.2
38.2
60.2
60.2
60.2
37.8
37.8
48.8
48.8
37.8
37.8
37.8
48.8
48.8
48.8
70.8
70.8
70.8
A
11.0
11.0
22.0
22.0
11.0
11.0
11.0
22.0
22.0
22.0
44.0
44.0
44.0
Material
Glass-filled PBT, UL94V-0, black
Series name
Circuit No.
Keying No.
35
E
D
Circuits Keying
Model No.
D
B
Dimensions (mm)
C
X
Y
X
Y
XX
YY
XY
XX
YY
XY
XX
YY
XY
2
3
4
6
10
J5MSP-02V-KX
J5MSP-02V-KY
J5MSP-03V-KX
J5MSP-03V-KY
J5MMP-04V-KXX
J5MMP-04V-KYY
J5MMP-04V-KXY
J5MMP-06V-KXX
J5MMP-06V-KYY
J5MMP-06V-KXY
J5MMP-10V-KXX
J5MMP-10V-KYY
J5MMP-10V-KXY
49.0
49.0
60.0
60.0
49.0
49.0
49.0
60.0
60.0
60.0
82.0
82.0
82.0
E
14.1
14.1
14.1
14.1
28.6
28.6
28.6
28.6
28.6
28.6
28.6
28.6
28.6
F
18.1
18.1
18.1
18.1
32.6
32.6
32.6
32.6
32.6
32.6
32.6
32.6
32.6
Q’ty /
box
40(bag)
40(bag)
40(bag)
40(bag)
72
72
72
63
63
63
31.4
31.4
42.4
42.4
31.4
31.4
31.4
42.4
42.4
42.4
64.4
64.4
64.4
40.2
40.2
51.2
51.2
40.2
40.2
40.2
51.2
51.2
51.2
73.2
73.2
73.2
A
11.0
11.0
22.0
22.0
11.0
11.0
11.0
22.0
22.0
22.0
44.0
44.0
44.0
Material
Glass-filled PBT, UL94V-0, black
F
E
Circuit No.
Series name
Keying No.
2-
φ3.5
Model No.: J5KP-VY
10.3
37.2
Receptacle housing
Tab housing (Panel mounting type)
Keying plug
RoHS compliance
RoHS compliance
RoHS compliance


Similar Part No. - BJ5F-71GF-M6.5

ManufacturerPart #DatasheetDescription
logo
Rohm
BJ5FCFFJ-E2 ROHM-BJ5FCFFJ-E2 Datasheet
1Mb / 42P
   35V Withstand Voltage 1A LDO Regulators
BJ5FCFP-E2 ROHM-BJ5FCFP-E2 Datasheet
1Mb / 42P
   35V Withstand Voltage 1A LDO Regulators
BJ5FCWFFJ-E2 ROHM-BJ5FCWFFJ-E2 Datasheet
1Mb / 42P
   35V Withstand Voltage 1A LDO Regulators
BJ5FCWFP-E2 ROHM-BJ5FCWFP-E2 Datasheet
1Mb / 42P
   35V Withstand Voltage 1A LDO Regulators
More results

Similar Description - BJ5F-71GF-M6.5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SYR-02T ETC1-SYR-02T Datasheet
38Kb / 2P
   Disconnectable Crimp style Wire-to-wire connectors
SZM-41T-P0.7 ETC1-SZM-41T-P0.7 Datasheet
137Kb / 5P
   Disconnectable Crimp style Wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
RWZ JST-RWZ Datasheet
125Kb / 3P
   Disconnectable Crimp style Wire-to wire connectors
RWM JST-RWM Datasheet
279Kb / 5P
   Disconnectable crimp style Wire-to-wire connectors
logo
List of Unclassifed Man...
XARP-05V ETC2-XARP-05V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
SLM JST-SLM Datasheet
1Mb / 6P
   6.2mm pitch disconnectable crimp style wire-to-wire connectors
logo
List of Unclassifed Man...
XARP-02V ETC2-XARP-02V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
SMP-12V-BC ETC2-SMP-12V-BC Datasheet
133Kb / 5P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
VLR-03V ETC2-VLR-03V Datasheet
228Kb / 4P
   6.2mm pitch/Disconnectable Crimp style Wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
BHS JST-BHS Datasheet
122Kb / 2P
   3.5mm pitch/Disconnectable Crimp style Wire-to-wire connectors
2010
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com