Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STP120N4F6 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STP120N4F6
Description  N-channel 40 V, 3.8 m廓 , 80 A, TO-220 STripFET??VI DeepGATE??Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP120N4F6 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STP120N4F6 Datasheet HTML 5Page - STMicroelectronics STP120N4F6 Datasheet HTML 6Page - STMicroelectronics STP120N4F6 Datasheet HTML 7Page - STMicroelectronics STP120N4F6 Datasheet HTML 8Page - STMicroelectronics STP120N4F6 Datasheet HTML 9Page - STMicroelectronics STP120N4F6 Datasheet HTML 10Page - STMicroelectronics STP120N4F6 Datasheet HTML 11Page - STMicroelectronics STP120N4F6 Datasheet HTML 12Page - STMicroelectronics STP120N4F6 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Package mechanical data
STP120N4F6
10/13
Doc ID 018846 Rev 1
Table 9.
TO-220 type A mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.40
4.60
b
0.61
0.88
b1
1.14
1.70
c
0.48
0.70
D
15.25
15.75
D1
1.27
E10
10.40
e
2.40
2.70
e1
4.95
5.15
F
1.23
1.32
H1
6.20
6.60
J1
2.40
2.72
L13
14
L1
3.50
3.93
L20
16.40
L30
28.90
P
3.75
3.85
Q
2.65
2.95


Similar Part No. - STP120N4F6

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STP120N4F6 VBSEMI-STP120N4F6 Datasheet
970Kb / 7P
   N-Channel 40 -V (D-S) MOSFET
More results

Similar Description - STP120N4F6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB120N4LF6 STMICROELECTRONICS-STB120N4LF6 Datasheet
897Kb / 18P
   N-channel 40 V, 3.1 m廓, 80 A DPAK, D짼PAK STripFET??VI DeepGATE??Power MOSFET
STB120N4F6 STMICROELECTRONICS-STB120N4F6 Datasheet
998Kb / 18P
   N-channel 40 V, 3.5 m廓 , 80 A, DPAK, D짼PAK STripFET??VI DeepGATE??Power MOSFET
STP210N75F6 STMICROELECTRONICS-STP210N75F6 Datasheet
693Kb / 13P
   N-channel 75 V, 3 m廓, 120 A TO-220 STripFET??VI DeepGATE??Power MOSFET
STD44N4LF6 STMICROELECTRONICS-STD44N4LF6 Datasheet
1,001Kb / 15P
   N-channel 40 V, 8.9 m廓, 44 A DPAK STripFET??VI DeepGATE??Power MOSFET
STB95N3LLH6 STMICROELECTRONICS-STB95N3LLH6 Datasheet
936Kb / 18P
   N-channel 30 V, 0.0037 廓 , 80 A, D2PAK, DPAK, IPAK, TO-220 STripFET VI DeepGATE Power MOSFET
STD96N3LLH6 STMICROELECTRONICS-STD96N3LLH6 Datasheet
942Kb / 15P
   N-channel 30 V, 0.0037 廓, 80 A, DPAK STripFET??VI DeepGATE??Power MOSFET
STL75N8LF6 STMICROELECTRONICS-STL75N8LF6 Datasheet
797Kb / 16P
   N-channel 80 V, 5.6 m廓, 18 A, PowerFLAT??5x6 STripFET??VI DeepGATE??Power MOSFET
November 2011 Rev 3
STP110N55F6 STMICROELECTRONICS-STP110N55F6 Datasheet
409Kb / 11P
   N-channel 55 V, 4.3 m, 110 A TO-220 STripFET VI DeepGATE Power MOSFET
STD80N4F6 STMICROELECTRONICS-STD80N4F6 Datasheet
1Mb / 18P
   N-channel 40 V, 5.5 m typ., 80 A STripFET VI DeepGATE Power MOSFET in DPAK
STI400N4F6 STMICROELECTRONICS-STI400N4F6 Datasheet
181Kb / 11P
   N-channel 40 V, 120 A STripFET??VI DeepGATE?? Power MOSFET in I짼PAK and TO-220 packages
August 2012 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com