Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7MBR30SA060 Datasheet(PDF) 3 Page - Fuji Electric

Part # 7MBR30SA060
Description  IGBT MODULE(600V/30A/PIM)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

7MBR30SA060 Datasheet(HTML) 3 Page - Fuji Electric

  7MBR30SA060 Datasheet HTML 1Page - Fuji Electric 7MBR30SA060 Datasheet HTML 2Page - Fuji Electric 7MBR30SA060 Datasheet HTML 3Page - Fuji Electric 7MBR30SA060 Datasheet HTML 4Page - Fuji Electric 7MBR30SA060 Datasheet HTML 5Page - Fuji Electric 7MBR30SA060 Datasheet HTML 6Page - Fuji Electric 7MBR30SA060 Datasheet HTML 7Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IGBT Modules
7MBR30SA060
Characteristics (Representative)
01
23
45
0
10
20
30
40
50
60
70
10V
12V
15V
VGE= 20V
[ Inverter ]
Collector current vs. Collector-Emitter voltage
Tj= 25
o
C (typ.)
Collector - Emitter voltage : VCE [ V ]
01
234
5
0
10
20
30
40
50
60
70
10V
12V
15V
VGE= 20V
[ Inverter ]
Collector current vs. Collector-Emitter voltage
Tj= 125
o
C (typ.)
Collector - Emitter voltage : VCE [ V ]
012
34
0
10
20
30
40
50
60
70
Tj= 25
o
C
Tj= 125
o
C
[ Inverter ]
Collector current vs. Collector-Emitter voltage
VGE=15V (typ.)
Collector - Emitter voltage : VCE [ V ]
5
1015
2025
0
2
4
6
8
10
Ic= 15A
Ic= 30A
Ic= 60A
[ Inverter ]
Collector-Emitter voltage vs. Gate-Emitter voltage
Tj= 25
o
C (typ.)
Gate - Emitter voltage : VGE [ V ]
0
5
10
15
20
25
30
35
100
1000
10000
[ Inverter ]
Capacitance vs. Collector-Emitter voltage (typ.)
VGE=0V, f= 1MHz, Tj= 25
o
C
Collector - Emitter voltage : VCE [ V ]
Coes
Cres
Cies
0
50
100
150
200
0
100
200
300
400
500
[ Inverter ]
Dynamic Gate charge (typ.)
Vcc=300V, Ic=30A, Tj= 25
o
C
Gate charge : Qg [ nC ]
0
5
10
15
20
25


Similar Part No. - 7MBR30SA060

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7MBR30SA060 ETC2-7MBR30SA060 Datasheet
659Kb / 7P
   IGBT MODULE (S series)
logo
Fuji Electric
7MBR30SA060E-01 FUJI-7MBR30SA060E-01 Datasheet
442Kb / 10P
   IGBT Module
More results

Similar Description - 7MBR30SA060

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBR30NE060 FUJI-7MBR30NE060 Datasheet
322Kb / 7P
   IGBT(600V/30A/PIM)
7MBR30U2A060 FUJI-7MBR30U2A060 Datasheet
181Kb / 7P
   IGBT MODULE (U series) 600V / 30A / PIM
7MBR50U2A060 FUJI-7MBR50U2A060 Datasheet
183Kb / 7P
   IGBT MODULE (U series) 600V / 50A / PIM
7MBR75U2B060 FUJI-7MBR75U2B060 Datasheet
197Kb / 7P
   IGBT MODULE (U series) 600V / 75A / PIM
7MBR100U2B060 FUJI-7MBR100U2B060 Datasheet
156Kb / 7P
   IGBT MODULE (U series) 600V / 100A / PIM
7MBR75GE060 FUJI-7MBR75GE060 Datasheet
649Kb / 9P
   IGBT(600V/75A/PIM)
7MBR50SA060 FUJI-7MBR50SA060 Datasheet
640Kb / 7P
   IGBT(600V/50A/PIM)
7MBR50SB060 FUJI-7MBR50SB060 Datasheet
588Kb / 7P
   IGBT(600V/50A/PIM)
7MBR75SB060 FUJI-7MBR75SB060 Datasheet
555Kb / 7P
   IGBT(600V/75A/PIM)
6MBI30L-060 FUJI-6MBI30L-060 Datasheet
122Kb / 4P
   IGBT(600V/30A)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com