Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TAS5614LA Datasheet(PDF) 15 Page - Texas Instruments

Part No. TAS5614LA
Description  150-W Stereo / 300-W Mono PurePath™ HD Digital-Input Class-D Power Stage
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TAS5614LA Datasheet(HTML) 15 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
/RESET
OUT_X
3.3V
0V
Hi-Z
DC_RAMP
PVDD_X
0V
SPEAKER OUT_X
STARTUP /SHUTDOWN RAMP
VI_CM
0V
50%
PVDD_X/2
0V
Ramp Start
Ramp End
Ramp Start
Ramp End
OUT_X IS SWITCHING (MUTE)
OUT_X IS SWITCHING (MUTE)
INPUT_X
Hi-Z
3. 3V
0V
INPUT_X IS SWITCHING (MUTE)
NOISE SHAPER OFF
INPUT_X IS SWITCHING (MUTE)
NOISE SHAPER OFF
tStartup Ramp
tStartup Ramp
(UNMUTED)
(UNMUTED)
INPUT_X IS SWITCHING (MUTE)
NOISE SHAPER ON
TAS5614LA
www.ti.com
SLAS846 – MAY 2012
STARTUP AND SHUTDOWN RAMP SEQUENCE
The integrated startup and stop sequence ensures a click and pop free startup and shutdown sequence of the
amplifier. The startup sequence uses a voltage ramp with a duration set by the CSTART capacitor. The
sequence uses the input PWM signals to generate output PWM signals, hence input idle PWM should be present
during both startup and shut down ramping sequences.
VDD, GVDD_X and PVDD_X power supplies must be turned on and with settled outputs before starting
the startup ramp by setting RESET high.
During startup and shutdown ramp the input PWM signals should be in muted condition with the PWM processor
noise shaper activity turned off (50% duty cycle).
The duration of the startup and shutdown ramp is 100 ms + X ms, where X is the CSTART capacitor value in nF.
It is recommended to use 100nF CSTART in BTL and PBTL mode and 1 µF in SE mode configuration. This
results in ramp times of 200 ms and 1.1s respectively. The longer ramp time in SE configuration allows charge
and discharge of the output AC coupling capacitor without audible artifacts.
UNUSED OUTPUT CHANNELS
If all available output channels are not used, it is recommended to disable switching of unused output nodes to
reduce power consumption. Furthermore by disabling unused output channels the cost of unused output LC
demodulation filters can be avoided.
Disabling a channel is done by leave the bootstrap capacitor (BST) unstuffed and connecting the respective input
to GND. The unused output pin(s) can be left floating. Please note that the PVDD decoupling capacitors still
need to be mounted.
Table 2. Unused Output Channels
Operating
PWM
Output
Unused
INPUT_A
INPUT_B
INPUT_C
INPUT_D
Unstuffed Component
Mode
Input
Configuration
Channel
000
2N + 1
AB
GND
GND
PWMc
PWMd
BST_A & BST_B capacitor
001
1N + 1
2 x BTL
CD
PWMa
PWMb
GND
GND
BST_C & BST_D capacitor
010
2N + 1
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): TAS5614LA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn