Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TAS5614LA Datasheet(PDF) 12 Page - Texas Instruments

Part No. TAS5614LA
Description  150-W Stereo / 300-W Mono PurePath™ HD Digital-Input Class-D Power Stage
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TAS5614LA Datasheet(HTML) 12 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
0
20
40
60
80
100
120
140
160
180
200
−10
0
10
20
30
40
50
60
70
80
90 100 110
TC − Case Temperature −°C
4
8
THD+N at 10%
G007
−200
−190
−180
−170
−160
−150
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
2k
4k
6k
8k
10k 12k 14k 16k 18k 20k 22k 24k
f − Frequency − Hz
4
TC = 75°C
VREF = 22.5 V
Sample Rate = 48kHz
FFT Size = 16384
G008
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
0
100
200
300
400
2 Channel Output Power − W
4
8
TC = 75°C
G005
0
5
10
15
20
25
30
35
40
45
0
100
200
300
400
2 Channel Output Power − W
4
8
TC = 75°C
G006
TAS5614LA
SLAS846 – MAY 2012
www.ti.com
TYPICAL CHARACTERISTICS, BTL CONFIGURATION (continued)
Measurement conditions are: 1kHz, PVDD_X = 36 V, GVDD_X = 12 V, RL = 4Ω, fS = 384 kHz, ROC = 24 kΩ, TC = 75°C,
Output Filter: LDEM = 10 μH, CDEM = 1 µF, 20Hz to 20kHz BW (AES17 low pass filter), unless otherwise noted.
SYSTEM EFFICIENCY vs
SYSTEM POWER LOSS vs
OUTPUT POWER
OUTPUT POWER
Figure 5.
Figure 6.
OUTPUT POWER vs
NOISE AMPLITUDE vs
TEMPERATURE
FREQUENCY
Figure 7.
Figure 8.
12
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TAS5614LA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn