Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TAS5614LA Datasheet(PDF) 10 Page - Texas Instruments

Part No. TAS5614LA
Description  150-W Stereo / 300-W Mono PurePath™ HD Digital-Input Class-D Power Stage
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TAS5614LA Datasheet(HTML) 10 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
TAS5614LA
SLAS846 – MAY 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
PVDD_X = 36 V, GVDD_X = 12 V, VDD = 12 V, TC (Case temperature) = 75°C, fS = 384 kHz, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OTE-OTWdifferential
(1)
OTE-OTW differential
30
°C
A device reset is needed to clear
OTEHYST
(1)
25
°C
FAULT after an OTE event
OLPC
Overload protection counter
fPWM = 384 kHz
2.6
ms
Resistor – programmable, nominal peak current in
IOC
Overcurrent limit protection
15
A
1
Ω load, ROC = 24 kΩ
Resistor – programmable, nominal peak current in
IOC_LATCHED
Overcurrent limit protection, latched
15
A
1
Ω load, ROC = 62 kΩ
Time from application of short condition to Hi-Z of
IOCT
Overcurrent response time
150
ns
affected half bridge
Internal pulldown resistor at output of
Connected when RESET is active to provide
IPD
3
mA
each half bridge
bootstrap charge. Not used in SE mode.
STATIC DIGITAL SPECIFICATIONS
VIH
High level input voltage
1.9
V
INPUT_X, M1, M2, M3, RESET
VIL
Low level input voltage
0.8
V
LEAKAGE
Input leakage current
100
μA
OTW / SHUTDOWN (FAULT)
Internal pullup resistance, OTW, CLIP,
RINT_PU
20
26
33
k
FAULT to DVDD
VOH
High level output voltage
Internal pullup resistor
3
3.3
3.6
V
VOL
Low level output voltage
IO = 4mA
200
500
mV
FANOUT
Device fanout OTW, FAULT, CLIP
No external pullup
30
devices
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TAS5614LA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn