Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TAS5614LA Datasheet(PDF) 6 Page - Texas Instruments

Part No. TAS5614LA
Description  150-W Stereo / 300-W Mono PurePath™ HD Digital-Input Class-D Power Stage
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TAS5614LA Datasheet(HTML) 6 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
2-CHANNEL
H-BRIDGE
BTL MODE
Output
H-Bridge 2
Hardwire
Over-
Current
Limit
PVDD
Power Supply
Decoupling
GVDD, VDD,
& VREG
Power Supply
Decoupling
SYSTEM
Power
Supplies
PVDD
GVDD (12V)/VDD (12V)
GND
36V
12V
GND
VAC
Bootstrap
Capacitors
BST_C
BST_D
2
nd Order
L-C Output
Filter for
each
H-Bridge
OUT_C
OUT_D
Bootstrap
Capacitors
BST_A
BST_B
INPUT_A
2
nd Order
L-C Output
Filter for
each
H-Bridge
OUT_A
OUT_B
Output
H-Bridge 1
Input
H-Bridge 1
INPUT_B
M2
M1
M3
Hardwire
Mode
Control
Input
H-Bridge 2
INPUT_C
INPUT_D
Capacitors for
External
Filtering
&
Startup/Stop
System
microcontroller
PWM_A
PWM_B
PWM_C
PWM_D
I2C
Left-
Channel
Output
Right-
Channel
Output
VALID
/RESET
/AMP RESET
*NOTE1
TASxxxx
PWM Modulator
TAS5614LA
SLAS846 – MAY 2012
www.ti.com
TYPICAL SYSTEM BLOCK DIAGRAM
(1) Logic AND is inside or outside the micro processor.
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TAS5614LA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn