Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TAS5614LA Datasheet(PDF) 17 Page - Texas Instruments

Part No. TAS5614LA
Description  150-W Stereo / 300-W Mono PurePath™ HD Digital-Input Class-D Power Stage
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TAS5614LA Datasheet(HTML) 17 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
TAS5614LA
www.ti.com
SLAS846 – MAY 2012
OVERTEMPERATURE WARNING, OTW
The over temperature warning OTW asserts when the junction temperature has exceeded recommended
operating temperature. Operation at junction temperatures above OTW threshold is exceeding recommended
operation conditions and is strongly advised to avoid.
If OTW asserts, action should be taken to reduce power dissipation to allow junction temperature to decrease
until it gets below the OTW hysteresis threshold. This action can be decreasing audio volume or turning on a
system cooling fan.
UNDERVOLTAGE PROTECTION (UVP) AND POWER-ON RESET (POR)
The UVP and POR circuits of the TAS5614LA fully protect the device in any power-up/down and brownout
situation. While powering up, the POR circuit resets the overload circuit (OLP) and ensures that all circuits are
fully operational when the GVDD_X and VDD supply voltages reach stated in the Electrical Characteristics table.
Although GVDD_X and VDD are independently monitored, a supply voltage drop below the UVP threshold on
any VDD or GVDD_X pin results in all half-bridge outputs immediately being set in the high-impedance (Hi-Z)
state and FAULT being asserted low. The device automatically resumes operation when all supply voltages have
increased above the UVP threshold.
ERROR REPORTING
Note that asserting RESET low forces the FAULT signal high, independent of faults being present. TI
recommends monitoring the OTW signal using the system micro controller and responding to an overtemperature
warning signal by, e.g., turning down the volume to prevent further heating of the device resulting in device
shutdown (OTE).
To reduce external component count, an internal pullup resistor to 3.3 V is provided on both FAULT and OTW
outputs.
The FAULT, OTW, pins are active-low, open-drain outputs. Their function is for protection-mode signaling to a
PWM controller or other system-control device.
Any fault resulting in device shutdown is signaled by the FAULT pin going low. Likewise, OTW goes low when
the device junction temperature exceeds 125°C (see the following table).
Table 4. Error Reporting
FAULT
OTW
DESCRIPTION
0
0
Overtemperature (OTE) or overload (OLP) or undervoltage (UVP)
0
1
Overload (OLP) or undervoltage (UVP)
1
0
Junction temperature higher than 125°C (overtemperature warning)
1
1
Junction temperature lower than 125°C and no OLP or UVP faults (normal operation)
FAULT HANDLING
If a fault situation occurs while in operation, the device will act accordingly to the fault being a global or a channel
fault. A global fault is a chip-wide fault situation and will cause all PWM activity of the device to be shut down,
and will assert FAULT low. A global fault is a latching fault and clearing FAULT and restart operation requires
resetting the device by toggling RESET. Toggling RESET should never be allowed with excessive system
temperature, so it is advised to monitor RESET by a system microcontroller and only allow releasing RESET
(RESET high) if the OTW signal is cleared (high). A channel fault will result in shutdown of the PWM activity of
the affected channel(s). Note that asserting RESET low forces the FAULT signal high, independent of faults
being present. TI recommends monitoring the OTW signal using the system micro controller and responding to
an over temperature warning signal by, e.g., turning down the volume to prevent further heating of the device
resulting in device shutdown (OTE).
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): TAS5614LA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn