Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRC4392 Datasheet(PDF) 10 Page - Texas Instruments

Part # SRC4392
Description  Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SRC4392 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SRC4392_14 Datasheet HTML 6Page - Texas Instruments SRC4392_14 Datasheet HTML 7Page - Texas Instruments SRC4392_14 Datasheet HTML 8Page - Texas Instruments SRC4392_14 Datasheet HTML 9Page - Texas Instruments SRC4392_14 Datasheet HTML 10Page - Texas Instruments SRC4392_14 Datasheet HTML 11Page - Texas Instruments SRC4392_14 Datasheet HTML 12Page - Texas Instruments SRC4392_14 Datasheet HTML 13Page - Texas Instruments SRC4392_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 94 page
background image
BCKB
RX1+
RX2+
RX2
-
RX3+
VCC
AGND
LOCK
RXCKO
SYNC
BLS
AESOUT
VDD33
TX+
TX
-
DGND2
GPO2
GPO1
MCLK
1
2
3
4
5
6
7
8
9
10
30
29
28
27
26
25
24
23
22
21
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
RX1
-
36
35
34
33
32
31
30
29
28
27
26
25
SYNC
BLS
AESOUT
VDD33
TX+
TX
-
DGND2
GPO4
GPO3
GPO2
GPO1
MCLK
1
2
3
4
5
6
7
8
9
10
11
12
RX1+
RX1
-
RX2+
RX2
-
RX3+
RX3
-
RX4+
RX4
-
VCC
AGND
LOCK
RXCKO
48
47
46
45
44
43
42
41
40
39
38
13
14
15
16
17
18
19
20
21
22
23
37
24
NC = No Connection
SRC4392
SBFS029D – DECEMBER 2005 – REVISED DECEMBER 2012
www.ti.com
PFB PACKAGE
TQFP-48
RKP PACKAGE
(Top View)
QFN-40
(Top View)
NC = No connection.
PIN DESCRIPTIONS
PIN NO.
NAME
PFB
RKP
I/O
DESCRIPTION
AESOUT
34
28
Output
DIT buffered AES3-encoded data
AGND
10
8
Ground
DIR comparator and PLL power-supply ground
BCKA
37
31
I/O
Audio serial Port A bit clock
BCKB
48
1
I/O
Audio serial Port B bit clock
Substrate ground, connect to AGND (pin 10 for PFB package, pin 8 for
BGND
44
37
Ground
RKP package)
BLS
35
29
I/O
DIT block start clock
CCLK or SCL
20
16
Input
Serial data clock for SPI mode or I2C mode
CDIN orA1
21
17
Input
SPI port serial data input or programmable slave address for I2C mode
CDOUT or SDA
22
18
I/O
SPI port serial data output (3-state output) or serial data I/O for I2C
mode
Control port mode
CPM
18
14
Input
(0 = SPI mode, 1 = I2C mode)
CS or A0
19
15
Input
Chip select (active low) for SPI mode or programmable slave address
for I2C mode
DGND1
16
12
Ground
Digital core ground
DGND2
30
24
Ground
DIR line receiver bias and DIT line driver digital ground
DGND3
43
36
Ground
Logic I/O ground
GPO1
26
22
Output
General-purpose output 1
GPO2
27
23
Output
General-purpose output 2
GPO3
28
Output
General-purpose output 3
GPO4
29
Output
General-purpose output 4
INT
23
19
Output
Interrupt flag (open-drain, active low)
LOCK
11
9
Output
DIR PLL lock flag (active low)
10
Submit Documentation Feedback
Copyright © 2005–2012, Texas Instruments Incorporated
Product Folder Links: SRC4392


Similar Part No. - SRC4392_14

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
SRC4392IPFB BURR-BROWN-SRC4392IPFB Datasheet
6Mb / 79P
   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
SRC4392IPFBG4 BURR-BROWN-SRC4392IPFBG4 Datasheet
6Mb / 79P
   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
SRC4392IPFBR BURR-BROWN-SRC4392IPFBR Datasheet
6Mb / 79P
   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
SRC4392IPFBRG4 BURR-BROWN-SRC4392IPFBRG4 Datasheet
6Mb / 79P
   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
SRC4392IPFBT BURR-BROWN-SRC4392IPFBT Datasheet
6Mb / 79P
   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
More results

Similar Description - SRC4392_14

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
SRC4382 BURR-BROWN-SRC4382 Datasheet
7Mb / 81P
   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
SRC4382 TI1-SRC4382_14 Datasheet
1Mb / 84P
[Old version datasheet]   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Burr-Brown (TI)
SRC4392 BURR-BROWN-SRC4392 Datasheet
6Mb / 79P
   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Cirrus Logic
CS8422 CIRRUS-CS8422_09 Datasheet
734Kb / 82P
   24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
CS8422 CIRRUS-CS8422_10 Datasheet
995Kb / 82P
   24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
logo
Texas Instruments
DIX4192IPFBG4 TI1-DIX4192IPFBG4 Datasheet
1Mb / 64P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1_17 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1 Datasheet
790Kb / 65P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
logo
Burr-Brown (TI)
DIX4192 BURR-BROWN-DIX4192 Datasheet
806Kb / 60P
   Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
DIX4192 TI1-DIX4192_16 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com