Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRC4382 Datasheet(PDF) 7 Page - Texas Instruments

Part # SRC4382
Description  Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SRC4382 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SRC4382_14 Datasheet HTML 3Page - Texas Instruments SRC4382_14 Datasheet HTML 4Page - Texas Instruments SRC4382_14 Datasheet HTML 5Page - Texas Instruments SRC4382_14 Datasheet HTML 6Page - Texas Instruments SRC4382_14 Datasheet HTML 7Page - Texas Instruments SRC4382_14 Datasheet HTML 8Page - Texas Instruments SRC4382_14 Datasheet HTML 9Page - Texas Instruments SRC4382_14 Datasheet HTML 10Page - Texas Instruments SRC4382_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 84 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS: I
2C Standard and Fast Modes
SRC4382
SBFS030C – JANUARY 2006 – REVISED SEPTEMBER 2007
All specifications are at TA = +25C, VDD18 = +1.8V, VDD33 = +3.3V, VIO = +3.3V, and VCC = +3.3V, unless otherwise noted.
SRC4382
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
HOST INTERFACE: I2C Standard Mode(1)
SCL Clock Frequency, fSCL
0
100
kHz
Hold Time Repeated START Condition, tHDSTA
4
μs
Low Period of SCL Clock, tLOW
4.7
μs
High Period of SCL Clock, tHIGH
4
μs
Setup Time Repeated START Condition, tSUSTA
4.7
μs
Data Hold Time, tHDDAT
0(2)
3.45(3)
μs
Data Setup Time, tSUDAT
250
ns
Rise Time for Both SDA and SDL, tR
1000
ns
Fall Time for Both SDA and SDL, tF
300
ns
Setup Time for STOP Condition, tSUSTO
4
μs
Bus Free Time Between START and STOP, tBUF
4.7
μs
Capacitive Load for Each Bus Line, CB
400
pF
Noise Margin at Low Level (including hysteresis), VNL
0.1
נ
VIO
V
Noise Margin at High Level (including hysteresis), VNH
0.2
נ
VIO
V
HOST INTERFACE: I2C Fast Mode(1)
SCL Clock Frequency, fSCL
0
400
kHz
Hold Time Repeated START Condition, tHDSTA
0.6
μs
Low Period of SCL Clock, tLOW
1.3
μs
High Period of SCL Clock, tHIGH
0.6
μs
Setup Time Repeated START Condition, tSUSTA
0.6
μs
Data Hold Time, tHDDAT
0(2)
0.9(3)
μs
Data Setup Time, tSUDAT
100(4)
ns
Rise Time for Both SDA and SDL, tR
20 + 0.2CB
(5)
300
ns
Fall Time for Both SDA and SDL, tF
20 + 0.2CB
(5)
300
ns
Setup Time for STOP Condition, tSUSTO
0.6
μs
Bus Free Time Between START and STOP, tBUF
1.3
μs
Spike Pulse Width Suppressed by Input Filter, tSP
0
50
ns
Capacitive Load for Each Bus Line, CB
400
pF
Noise Margin at Low Level (including hysteresis), VNL
0.1
נ
VIO
V
Noise Margin at High Level (including hysteresis), VNH
0.2
נ
VIO
V
(1)
All values referred to the VIH minimum and VIL maximum levels listed in the Digital I/O Characteristics section of the Electrical
Characteristics: General, SRC, DIR, and DIT table.
(2)
A device must internally provide a hold time of at least 300ns for the SDA signal (referred to the VIH minimum input level) to bridge the
undefined region of the falling edge of SCL.
(3)
The maximum tHDDAT has only to be met if the device does not stretch the Low period (tLOW) of the SCL signal.
(4)
A Fast mode I2C bus device can be used in a Standard mode I2C bus system, but the requirement that tSUDAT be 250ns minimum must
then be met. For the SRC4382, this is automatically the case, since the device does not stretch the Low period of the SCL signal.
(5)
CB is defined as the total capacitance of one bus line in picofarads (pF). If mixed with High-Speed mode devices, faster fall times are
allowed.
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): SRC4382


Similar Part No. - SRC4382_14

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
SRC4382IPFB BURR-BROWN-SRC4382IPFB Datasheet
7Mb / 81P
   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
SRC4382IPFBG4 BURR-BROWN-SRC4382IPFBG4 Datasheet
7Mb / 81P
   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
SRC4382IPFBR BURR-BROWN-SRC4382IPFBR Datasheet
7Mb / 81P
   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
SRC4382IPFBRG4 BURR-BROWN-SRC4382IPFBRG4 Datasheet
7Mb / 81P
   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
SRC4382IPFBT BURR-BROWN-SRC4382IPFBT Datasheet
7Mb / 81P
   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
More results

Similar Description - SRC4382_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SRC4392 TI1-SRC4392_14 Datasheet
1Mb / 94P
[Old version datasheet]   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Burr-Brown (TI)
SRC4382 BURR-BROWN-SRC4382 Datasheet
7Mb / 81P
   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
SRC4392 BURR-BROWN-SRC4392 Datasheet
6Mb / 79P
   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Cirrus Logic
CS8422 CIRRUS-CS8422_09 Datasheet
734Kb / 82P
   24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
CS8422 CIRRUS-CS8422_10 Datasheet
995Kb / 82P
   24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
logo
Texas Instruments
DIX4192IPFBG4 TI1-DIX4192IPFBG4 Datasheet
1Mb / 64P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1_17 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1 Datasheet
790Kb / 65P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
logo
Burr-Brown (TI)
DIX4192 BURR-BROWN-DIX4192 Datasheet
806Kb / 60P
   Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
DIX4192 TI1-DIX4192_16 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com