Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM2704C Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2704C
Description  Stereo Audio DAC with USB Interface Single-Ended Headphone Output and S/PDIF Output
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2704C Datasheet(HTML) 3 Page - Texas Instruments

  PCM2704C Datasheet HTML 1Page - Texas Instruments PCM2704C Datasheet HTML 2Page - Texas Instruments PCM2704C Datasheet HTML 3Page - Texas Instruments PCM2704C Datasheet HTML 4Page - Texas Instruments PCM2704C Datasheet HTML 5Page - Texas Instruments PCM2704C Datasheet HTML 6Page - Texas Instruments PCM2704C Datasheet HTML 7Page - Texas Instruments PCM2704C Datasheet HTML 8Page - Texas Instruments PCM2704C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
PCM2704C, PCM2705C
PCM2706C, PCM2707C
www.ti.com
SBFS036A – AUGUST 2011 – REVISED JULY 2012
ELECTRICAL CHARACTERISTICS
All specifications at TA = +25°C, VBUS = 5 V, fS = 44.1 kHz, fIN = 1 kHz, and 16-bit data (unless otherwise noted).
PCM2704CDB, PCM2705CDB
PCM2706CPJT, PCM2707CPJT
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
DIGITAL INPUT/OUTPUT
Host interface
Apply USB revision 1.1, full-speed
Audio data format
USB isochronous data format
INPUT LOGIC
VIH
2
3.3
VIL
–0.3
0.8
Input logic level
VDC
VIH
(1)
2
5.5
VIL
(1)
–0.3
0.8
IIH
(2)
VIN = 3.3 V
±10
IIL
(2)
VIN = 0 V
±10
Input logic current
μA
IIH
VIN = 3.3 V
65
100
IIL
VIN = 0 V
±10
OUTPUT LOGIC
VOH
(3)
IOH = –2 mA
2.8
VOL
(3)
IOL = 2 mA
0.3
Output logic level
VDC
VOH
IOH = –2 mA
2.4
VOL
IOL = 2 mA
0.4
CLOCK FREQUENCY
Input clock frequency, XTI
11.994
12
12.006
MHz
fS
Sampling frequency
32, 44.1, 48
kHz
DAC CHARACTERISTICS
Resolution
16
Bits
Audio data channel
1, 2
Channel
DC ACCURACY
Gain mismatch, channel-to-channel
±2
±8
% of FSR
Gain error
±2
±8
% of FSR
Bipolar zero error
±3
±6
% of FSR
DYNAMIC PERFORMANCE (4)
RL > 10 kΩ, self-powered,
0.006
0.01
%
VOUT = 0 dB
Line (5)
Total harmonic
RL > 10 kΩ, bus-powered,
THD+N
0.012
0.02
%
distortion + noise
VOUT = 0 dB
RL = 32 Ω, self-/
Headphone
0.025
%
bus-powered, VOUT = 0 dB
THD+N
Total harmonic distortion + noise
VOUT = –60 dB
2
%
Dynamic range
EIAJ, A-weighted
90
98
dB
SNR
Signal-to-noise ratio
EIAJ, A-weighted
90
98
dB
Channel separation
60
70
dB
(1)
HOST pin.
(2)
D+, D–, HOST, TEST, TEST0, TEST1, DT, PSEL, FSEL, XTI pins.
(3)
FUNC0, FUNC1, FUNC2 pins.
(4)
fIN = 1 kHz, using the System Two™ Cascade audio measurement system by Audio Precision™ in RMS mode with a 20-kHz low-pass
filter (LPF) and 400-Hz high-pass filter (HPF).
(5)
THD+N performance varies slightly, depending on the effective output load, including dummy load R7, R8 in Figure 34.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): PCM2704C PCM2705C PCM2706C PCM2707C


Similar Part No. - PCM2704C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2704C TI1-PCM2704C Datasheet
969Kb / 40P
[Old version datasheet]   Stereo Audio DAC with USB Interface, Single-Ended Headphone Output and S/PDIF Output
PCM2704CDB TI1-PCM2704CDB Datasheet
969Kb / 40P
[Old version datasheet]   Stereo Audio DAC with USB Interface, Single-Ended Headphone Output and S/PDIF Output
PCM2704CDB TI1-PCM2704CDB Datasheet
1Mb / 47P
[Old version datasheet]   Stereo Audio DAC
PCM2704CDBR TI1-PCM2704CDBR Datasheet
969Kb / 40P
[Old version datasheet]   Stereo Audio DAC with USB Interface, Single-Ended Headphone Output and S/PDIF Output
PCM2704CDBR TI1-PCM2704CDBR Datasheet
1Mb / 47P
[Old version datasheet]   Stereo Audio DAC
More results

Similar Description - PCM2704C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2704C TI1-PCM2704C Datasheet
969Kb / 40P
[Old version datasheet]   Stereo Audio DAC with USB Interface, Single-Ended Headphone Output and S/PDIF Output
PCM2707C TI-PCM2707C_15 Datasheet
1Mb / 47P
[Old version datasheet]   PCM270xC Stereo Audio DAC With USB Interface, Single-Ended Headphone Output and S/PDIF Output
PCM2704C TI-PCM2704C_15 Datasheet
1Mb / 47P
[Old version datasheet]   PCM270xC Stereo Audio DAC With USB Interface, Single-Ended Headphone Output andS/PDIF Output
PCM2704 TI-PCM2704 Datasheet
331Kb / 33P
[Old version datasheet]   STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDF OUTPUT
PCM2900C TI1-PCM2900C Datasheet
1Mb / 32P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C_15 Datasheet
659Kb / 31P
[Old version datasheet]   Stereo Audio Codec With USB Interface Single-Ended Analog Input/Output, and S/PDIF
PCM2901EG4 TI1-PCM2901EG4 Datasheet
618Kb / 37P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_07 Datasheet
372Kb / 33P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2900B TI1-PCM2900B Datasheet
996Kb / 34P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903B TI1-PCM2903B Datasheet
685Kb / 31P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com