Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BY1212D-1W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # BY1212D-1W
Description  DUAL / SINGLE OUTPUT DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

BY1212D-1W Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  BY1212D-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. BY1212D-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. BY1212D-1W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
AY_D-1W & BY_D-1W
A/1-2012
Page 1 of 3
AY_D-1W & BY_D-1W SERIES
1W,FIXED INPUT, ISOLATED & UNREGULATED
DUAL / SINGLE OUTPUT DC-DC CONVERTER
RoHS
PRODUCT PROGRAM
Input
Output
Part
Number
Voltage
(VDC)
range
(VDC)
Voltage
(VDC)
Current
(mA)
Efficiency
(%)(Typ)
AY1212D-1W
12
10.8-13.2
±12
±41.6
78
BY1212D-1W
12
10.8-13.2
12
83
78
INPUT SPECIFICATIONS
Item
Test Conditions
Min
Typ
Max
Units
Input current
(No-load/Full-load)
15/106
mA
Surge voltage
(1S max)
21
V
OUTPUT SPECIFICATIONS
Item
Test Conditions
Min
Typ
Max
Units
Output power
1
W
Line regulation
For Vin change of ±1%
±1.2
Load regulation
10% to 100% load
15
%
Output voltage accuracy
See tolerance envelope graph
Temperature drift
100% full load
0.03
%/
°C
Ripple and noise*
20MHz bandwidth
100
mVp-p
Switching frequency
Full load, nominal input
100
KHz
AY1212D-1W
100/-100
Maximum capacitive
Load
BY1212D-1W
100
μF
*Test ripple and noise by
“parallel cable” method. See detailed operation instructions at Testing
of Power Converter section, application notes.
COMMON SPECIFICATIONS
Item
Test Conditions
Min
Typ
Max
Units
Storage humidity
95
%
Operating temperature
-40
85
Storage temperature
-55
125
Temp. rise at full load
20
30
Lead temperature
1.5mm from case for 10 seconds
300
°C
Short circuit protection
Continuous
Cooling
Free air convection
Case material
Plastic(UL94-V0)
MTBF
1000
k hours
Weight
23
g
Isolation voltage
Tested for 1 minute and 1mA max
12000
VDC
Isolation resistance
Test at 500VDC
1000
M
Ω
Isolation capacitance
5
pF
FEATURES
12KVDC Isolation
DIP Package
Temperature Range: -40
°C ~ +85°C
No Heat sink Required
No External Component Required
Low isolation capacitance
Internal SMD Construction
Industry Standard Pinout
RoHS Compliance
APPLICATIONS
The AY_D-1W
& BY_D-1W
Series
are
specially designed for applications where a
group of polar power supplies are isolated from
the input power supply in a distributed power
supply system on a circuit board.
These products apply to:
1)
Where the voltage of the input power
supply is fixed (voltage variation
≤ ±10%);
2)
Where isolation is necessary between
input
and
output
(isolation
voltage
≤12000VDC);
3)
Where the regulation of the output
voltage and the output ripple noise are not
demanding.
Such as: purely digital circuits, ordinary low
frequency analog circuits, and IGBT power
device driving circuits.
MODEL SELECTION
AY1212D-1W
Rated Power
Package Style
Output Voltage
Input Voltage
Product Series
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development
center, Science Ave., Guangzhou Science City,
Luogang district, Guangzhou,P.R.China.
Tel: 86-20-38601850
Fax:86-20-38601272
Http://www.mornsun-power.com


Similar Part No. - BY1212D-1W

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BY12 DIOTEC-BY12 Datasheet
110Kb / 1P
   High Voltage Si-Rectifiers
BY12 DIOTEC-BY12 Datasheet
45Kb / 1P
   High Voltage Si-Rectifiers
BY12 DIOTEC-BY12 Datasheet
98Kb / 2P
   High Voltage Silicon Rectifier Diodes
logo
Shenzhen Taychipst Elec...
BY12 TAYCHIPST-BY12 Datasheet
1Mb / 2P
   High Voltage Silicon Rectifier Diodes
logo
Diotec Semiconductor
BY12 DIOTEC-BY12 Datasheet
109Kb / 2P
   High Voltage Silicon Rectifier Diodes
More results

Similar Description - BY1212D-1W

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com