Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1205(X)T-1W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # A1205(X)T-1W
Description  DC/DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

A1205(X)T-1W Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  A1205(X)T-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. A1205(X)T-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. A1205(X)T-1W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. A1205(X)T-1W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DC/DC Converter
A_(X)T-1W series
2014.05.20-B/4
Page 1 of 4
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Selection Guide
Part No.
Input Voltage (VDC)
Output
Efficiency
(%,
Min./Typ.)
@ Full Load
Max.
Capacitive
Load
(μF)
Certification
Nominal
(Range)
Output Voltage
(VDC)
Output Current
(mA)(Max./Min.)
A0305XT-1W
3.3
(2.97-3.63)
±5
±100/±10
67/71
100
A0312T-1W
±12
±42/±4.2
75/79
A0315T-1W
±15
±33/±3.3
75/79
A0505(X)T-1W
5
(4.5-5.5)
±5
±100/±10
67/71
UL
A0509(X)T-1W
±9
±56/±5.6
73/77
UL
A0512(X)T-1W
±12
±42/±4.2
74/78
UL
A0515(X)T-1W
±15
±33/±3.3
74/78
UL
A1205(X)T-1W
12
(10.8-13.2)
±5
±100/±10
67/71
UL
A1209(X)T-1W
±9
±56/±5.6
69/73
UL
A1212(X)T-1W
±12
±42/±4.2
70/74
UL
A1215(X)T-1W
±15
±33/±3.3
70/74
UL
A1515(X)T-1W
15
(13.5-16.5)
±15
±33/±3.3
75/79
A2405(X)T-1W
24
(21.6-26.4)
±5
±100/±10
68/72
UL
A2409T-1W
±9
±56/±5.6
70/74
A2412(X)T-1W
±12
±42/±4.2
72/76
A2415(X)T-1W
±15
±33/±3.3
73/77
A2424(X)T-1W
±24
±21/±2.1
74/78
Notes: 1. The A_XT-1W series have no 3,6,8,9 pin. For example A0505XT-1W.
2. Thecapacitiveloads of positive and negativeoutputs are identical.
Input Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Input Current (full load / no-load)
3.3Vinput
--
420/40
--
mA
5V input
--
250/30
--
12V input
--
110/20
--
15V input
--
80/11
--
24V input
--
57/7
--
Surge Voltage (1sec. max.)
3.3V input
-0.7
--
5
VDC
5V input
-0.7
--
9
12V input
-0.7
--
18
1w, Fixed input, isolated & unregulated dual output
Patent Protection
RoHS
FEATURES
Efficiency up to 79%
Operating Temperature Range: -40℃ ~+85℃
Isolation voltage: 1K VDC
SMD Package
Internal surface mounted design
International standard pin-out
A_(X)T-1W series is specially designed for applications where an isolated voltage is required in a distributed power supply system. It is suitable
for:
1.Where the voltage of the input power supply is stable (voltage variation: ±10%Vin);
2.Where isolation is necessary between input and output (isolation voltage ≤1000VDC);
3.Where do not has high requirement of line regulation , load regulation and the ripple & noise of the output voltage;
Such as: pure digital circuits, low frequency analog circuits, and IGBT power device driving circuits.


Similar Part No. - A1205(X)T-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
A1205(X)T-1W MORNSUN-A1205(X)T-1W Datasheet
445Kb / 5P
   1W, FIXED INPUT, ISOLATED & UNREGULATED DUAL OUTPUT DC-DC CONVERTER ULTRAMINIATURE SMD PACKAGE
More results

Similar Description - A1205(X)T-1W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com