Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF2135A Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # SF2135A
Description  96 MHz SAW Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SF2135A Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  SF2135A Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SF2135A Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SF2135A Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SF2135A Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.RFM.com E-mail: info@rfm.com
Page 4 of 4
©2009 by RF Monolithics, Inc.
SF2135A - 7/9/09
SAW Filters Package
SMP-53 Case
12-Terminal Ceramic Surface-Mount Case
13.3 x 6.5 mm Nominal Footprint
Case Dimensions
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
13.08
13.31
13.60
0.515
0.524
0.535
B
6.27
6.50
6.80
0.247
0.256
0.268
C
1.91
2.00
0.075
0.079
D
1.50
0.059
E
0.79
0.031
H
1.0
0.039
P
2.54
0.100
Electrical Connections
Connection
Terminals
Port 1
Input or Return
11
Return or Input
12
Port 2
Output or Return
5
Return or Output
6
Ground
All others
Single-ended Operation
Return is ground
Differential Operation
Return is hot
Materials
Solder Pad
Plating
0.3 to 1.0 µm Gold over 1.27 to 8.89 µm Nickel
Lid Plating
2.0 to 3.0 µm Nickel
Body
Al2O3 Ceramic
Pb Free
C
H
P (8 Places)
E (10 Places)
D
B
A
1
2
3
4
10
9
8
7
12
6
5
11
10
9
8
7
1
2
3
4
11
12
5
6
TOPVIEW
BOTTOM VIEW


Similar Part No. - SF2135A

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2135A RFM-SF2135A Datasheet
120Kb / 4P
   Designed for Wide Channel IF Filtering
More results

Similar Description - SF2135A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
Murata Manufacturing Co...
SF2069A-1 MURATA-SF2069A-1 Datasheet
61Kb / 2P
   96 MHz SAW Filter
SF2069A-2 MURATA-SF2069A-2 Datasheet
100Kb / 4P
   96 MHz SAW Filter
SF2085A MURATA-SF2085A Datasheet
136Kb / 4P
   96 MHz SAW Filter
logo
API Technologies Corp
SF0096BA02458S APITECH-SF0096BA02458S Datasheet
175Kb / 3P
   96 MHz SAW Filter 20 MHz Bandwidth
SF0096BA02438S APITECH-SF0096BA02438S Datasheet
143Kb / 3P
   96 MHz SAW Filter 5 MHz bandwidth
SF0096BA03001S APITECH-SF0096BA03001S Datasheet
182Kb / 3P
   96 MHz SAW Filter 20 MHz Bandwidth
SF0096BA02394S APITECH-SF0096BA02394S Datasheet
171Kb / 3P
   96 MHz SAW Filter 4.8 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA03001S ICST-SF0096BA03001S Datasheet
260Kb / 2P
   96 MHz Filter 20 MHz Bandwidth
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com