Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF2064A Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # SF2064A
Description  156 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SF2064A Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  SF2064A Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SF2064A Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SF2064A Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SF2064A Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SF2064A Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
156.0 MHz
SAW Filter
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 4 of 5
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©2001 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
SF2064A-9/7/07
SMP-53 Case
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
13.08
13.31
13.60
0.515
0.524
0.535
B
6.27
6.50
6.80
0.247
0.256
0.268
C
1.91
2.00
0.075
0.079
D
1.50
0.059
E
0.79
0.031
H
1.0
0.039
P
2.54
0.100
Connection
Terminals
Port 1
Input or Return
11
Return or Input
12
Port 2
Output or Return
5
Return or Output
6
Ground
All others
Single Ended Operation
Return is ground
Differential Operation
Return is hot
12-Terminal Ceramic Surface-Mount Case
13.3 x 6.5 mm Nominal Footprint
TOP VIEW
BOTTOM VIEW
Electrical Connections
Case Dimensions
Materials
Solder Pad
Termination
Au plating 30 - 60 uInches (76.2-152 uM) over 80-
200 uInches (203-508 uM) Ni.
Lid
Fe-Ni-Co Alloy Electroless Nickel Plate (8-11%
Phosphorus) 100-200 uInches Thick
Body
Al2O3 Ceramic
Pb Free
0.287
(7.29)


Similar Part No. - SF2064A

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2064A RFM-SF2064A Datasheet
125Kb / 5P
   156 MHz SAW Filter
More results

Similar Description - SF2064A

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2064A RFM-SF2064A Datasheet
125Kb / 5P
   156 MHz SAW Filter
SF2157A RFM-SF2157A Datasheet
434Kb / 5P
   156 MHz SAW Filter
SF2063A RFM-SF2063A Datasheet
419Kb / 4P
   156 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2063A MURATA-SF2063A Datasheet
419Kb / 4P
   156 MHz SAW Filter
SF2157A MURATA-SF2157A Datasheet
434Kb / 5P
   156 MHz SAW Filter
logo
API Technologies Corp
SF0156BA02422S APITECH-SF0156BA02422S Datasheet
171Kb / 3P
   156 MHz SAW Filter 10 MHz Bandwidth
SF0156BA02421S APITECH-SF0156BA02421S Datasheet
170Kb / 3P
   156 MHz SAW Filter 9.4 MHz Bandwidth
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com